Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5165A Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5165A
Description  5?묪it Synchronous CPU Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165A Datasheet(HTML) 2 Page - ON Semiconductor

  CS5165A Datasheet HTML 1Page - ON Semiconductor CS5165A Datasheet HTML 2Page - ON Semiconductor CS5165A Datasheet HTML 3Page - ON Semiconductor CS5165A Datasheet HTML 4Page - ON Semiconductor CS5165A Datasheet HTML 5Page - ON Semiconductor CS5165A Datasheet HTML 6Page - ON Semiconductor CS5165A Datasheet HTML 7Page - ON Semiconductor CS5165A Datasheet HTML 8Page - ON Semiconductor CS5165A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CS5165A
http://onsemi.com
2
Figure 1. Application Diagram, 5.0 V to 2.8 V @ 14.2 A for 300 MHz Pentium II
COMP
VSS
VFB
GATE(H)
VCC
VID0
VID1
VID2
VID3
PGND
SS
COFF
CS5165A
PCB trace
6.0 m
W
12 V
330 pF
0.1
mF
LGND
1200
mF/10 V × 3
1.0
mF
Pentium II
System
VID0
VID1
VID2
VID3
1200
mF/10 V × 5
1.2
mH
5.0 V
3.3 k
1000 pF
VID4
VID4
IRL3103
GATE(L)
0.1
mF
PWRGD
ENABLE
IRL3103
ENABLE
PWRGD
VCC
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature, TJ
0 to 150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
16 V
−0.3 V
N/A
1.5 A peak, 200 mA DC
Soft−Start Capacitor
SS
6.0 V
−0.3 V
200
mA
10
mA
Compensation Capacitor
COMP
6.0 V
−0.3 V
10 mA
1.0 mA
Voltage Feedback Input
VFB
6.0 V
−0.3 V
10
mA
10
mA
Off−Time Capacitor
COFF
6.0 V
−0.3 V
1.0 mA
50 mA
Voltage ID DAC Inputs
VID0−VID4
6.0 V
−0.3 V
1.0 mA
10
mA
High−Side FET Driver
GATE(H)
16 V
−0.3 V
1.5 A peak, 200 mA DC
1.5 A peak, 200 mA DC
Low−Side FET Driver
GATE(L)
16 V
−0.3 V
1.5 A peak, 200 mA DC
1.5 A peak, 200 mA DC
Enable Input
ENABLE
6.0 V
−0.3 V
100
mA
1.0 mA
Power Good Output
PWRGD
6.0 V
−0.3 V
10
mA
30 mA
Power Ground
PGND
0 V
0 V
1.5 A peak, 200 mA DC
N/A
Logic Ground
LGND
0 V
0 V
100 mA
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com