Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA314 Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LA314
Description  Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LA314 Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LA314 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LA314 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LA314 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LA314 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA314
- 2 -
Letex Technology Corp.
Photocoupler
Part Name: LA314
Absolute Maximum Ratings (Ambient Temperature: 25℃)
Item
Symbol
Rating
Units
Note
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Input
Peak Forward Current
IFP
1
A
Collector to Emitter Voltage
Vceo
40
V
Ic=1mA, IB=0
Emitter to Collector Voltage
Veco
6
V
IE=100µA, IB=0
Collector Current
Ic
50
mA
Output
Power Dissipation
Pc
150
mW
I/O Breakdown Voltage
VI/O
1500
Vrms
RH=60%, 1min
Power Dissipation
PD
200
mW
Storage Temperature
Tstg
-55 to +125
℃
Operating Temperature
Topr
-55 to +100
℃
Soldering Temperature
TSol
260
℃
10 seconds max.
Electrical Specifications (Ambient Temperature: 25℃)
Item
Symbol
MIN.
TYP.
MAX.
Units
Conditions
Forward Voltage
VF
1.2
1.4
V
IF= ± 20mA
Reverse Current
IR
10
µA
Junction Capacitance
Ct
30
pF
V=0, f=1.0KHz
C-E Breakdown Voltage
Vceo
35
V
Ic=0.5mA
E-C Breakdown Voltage
Veco
6
V
Ie=0.1mA
Collector Dark Current
Iceo
100
nA
Vce=20V, IF=0
Current Transfer Ratio
CTR
600
1600
7000
﹪
IF= ± 1mA, Vce=5V
Collector Saturation Voltage
Vce(sat)
1
V
IF=±20mA, Ic=1mA
Isolation Resistance
RI/O
10
9
Ω
V=500V DC
Isolation Capacitance
CI/O
1.0
pF
V=0, f=1.0MHz
Rise Time
tr
300
µs
Vce=5V, Ic=2mA,
Fall Time
tf
250
µs
RL=100Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com