Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKAAAABBBA Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # CKAAAABBBA
Description  CK ROTARY SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

CKAAAABBBA Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  CKAAAABBBA Datasheet HTML 1Page - Lorlin Electronics Ltd. CKAAAABBBA Datasheet HTML 2Page - Lorlin Electronics Ltd. CKAAAABBBA Datasheet HTML 3Page - Lorlin Electronics Ltd. CKAAAABBBA Datasheet HTML 4Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CK ROTARY SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
1A @ 24V ac/dc
Life:
>10,000 Cycles
Proof Voltage:
1,500V ac (Initial)
Operating Torque (nominal):
Standard 8.6 ±1 cNm
Insulation Resistance:
>999 MΩ at 500V dc (Initial)
Light Action 3.5 ± 0.5 cNm
Contact Resistance
<20 mΩ (Initial)
End Stop Torque (nominal):
0.80 Nm
Contact/Terminal Material:
Brass CZ108 Ag Plated
Moulding Material:
Polyamide 6.6 G.F
Operating Temperature:
-30°C to +85°C
FEATURES
ROTARY SWITCH
CK
Standard 30° indexing,
60° and 90° available
Moulded 27.5mm
diameter
Solder or PCB terminals
Gold flashed or gold plated
terminals/contacts available
Shorting (make before break 30° indexing only)
or non-shorting (break before make)
Spindles with special flats, slots or knurls
Rear drive versions
No bush versions
Moulded stop or adjustable stops to
restrict number of positions
Continuous rotation also available
Made in UK
UL-V0 rated material available
Single wafer switch
Maximum 12 positions
Up to 4 poles per switch


Similar Part No. - CKAAAABBBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CKAAAAAA ETC2-CKAAAAAA Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
More results

Similar Description - CKAAAABBBA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
logo
List of Unclassifed Man...
CK1048 ETC1-CK1048 Datasheet
922Kb / 4P
CK ROTARY SWITCH
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com