Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSSSTUAF32865A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICSSSTUAF32865A
Description  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32865A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICSSSTUAF32865A Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUAF32865A Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICSSSTUAF32865A
2
8-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
2
8-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
13
ICSSSTUAF32865A
7097/1
1
Test Circuits and Waveforms (VDD = 1.8V ± 0.1V)
Simulation Load Circuit
Voltage and Current Waveforms Inputs Active and Inactive
Times
Voltage Waveforms - Pulse Duration
Voltage Waveforms - Setup and Hold Times
Production-Test Load Circuit
Voltage Waveforms - Propagation Delay Times
Voltage Waveforms - Propagation Delay Times
NOTES:
1. CL includes probe and jig capacitance.
2. IDD tested with clock and data inputs held at VDD or GND, and
Io = 0mA
3. All input pulses are supplied by generators having the following
characteristics: PRR
≤10MHz, Zo = 50Ω, input slew rate = 1 V/ns
±20% (unless otherwise specified).
4. The outputs are measured one at a time with one transition per
measurement.
5. VTT = VREF = VDD/2
6. VIH = VREF + 250mV (AC voltage levels) for differential inputs.
VIH = VDD for LVCMOS input.
7. VIL = VREF - 250mV (AC voltage levels) for differential inputs.
VIL = GND for LVCMOS input.
8. VID = 600mV.
9. tPLH and tPHL are the same as tPDM.
CL =30 pF
RL =1K
DUT
Out
RL= 100
CLK Inputs
TL =50
TL =350ps, 50
Test Point
CLK
CLK
VDD
RL =1K
Test Point
Test Point
VDD
0V
VDD/2
LVCMOS
RESET
Input
IDD
VDD/2
tINACT
tACT
10%
90%
VICR
VID
VICR
Input
tW
VREF
VIH
VIL
VREF
Input
VICR
VID
tSU
tH
CLK
CLK
ZO =50
Test
Point
RL =50
DUT
Out
CLK Inputs
CLK
VDD/2
CLK
ZO =50
ZO =50
Test
Point
Test
Point
CLK
VICR
VID
tPLH
tPHL
Output
VOH
VOL
VICR
VTT
VTT
CLK
VOH
VOL
VIH
VIL
tRPHL
VDD/2
VTT
LVCMOS
RESET
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com