Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC8SN Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC8SN
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC8SN Datasheet(HTML) 2 Page - ON Semiconductor

  MAC8SN Datasheet HTML 1Page - ON Semiconductor MAC8SN Datasheet HTML 2Page - ON Semiconductor MAC8SN Datasheet HTML 3Page - ON Semiconductor MAC8SN Datasheet HTML 4Page - ON Semiconductor MAC8SN Datasheet HTML 5Page - ON Semiconductor MAC8SN Datasheet HTML 6Page - ON Semiconductor MAC8SN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAC8SD, MAC8SM, MAC8SN
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
2.2
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 110°C
IDRM,
IRRM
0.01
2.0
mA
ON CHARACTERISTICS
Peak On-State Voltage (Note ) (ITM =  11A)
VTM
1.85
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IGT
2.0
3.0
3.0
5.0
5.0
5.0
mA
Holding Current (VD = 12V, Gate Open, Initiating Current =  150mA)
IH
3.0
10
mA
Latching Current (VD = 24V, IG = 5mA)
MT2(+), G(+)
MT2(−), G(−)
MT2(+), G(−)
IL
5.0
10
5.0
15
20
15
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGT
0.45
0.45
0.45
0.62
0.60
0.65
1.5
1.5
1.5
V
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current
VD = 400 V, ITM = 3.5 A, Commutating dv/dt = 10 V m/sec,
Gate Open, TJ = 110°C, f = 500 Hz, Snubber: CS = 0.01 mF,
RS =15 W, See Figure 16.)
di/dt(c)
8.0
10
A/ms
Critical Rate of Rise of Off-State Voltage
(VD = Rate VDRM, Exponential Waveform, RGK = 510 W, TJ = 110°C)
dv/dt
25
75
V/
ms
2. Indicates Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com