Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3232E Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3232E
Description  -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3232E Datasheet(HTML) 1 Page - Analog Devices

  ADM3232E Datasheet HTML 1Page - Analog Devices ADM3232E Datasheet HTML 2Page - Analog Devices ADM3232E Datasheet HTML 3Page - Analog Devices ADM3232E Datasheet HTML 4Page - Analog Devices ADM3232E Datasheet HTML 5Page - Analog Devices ADM3232E Datasheet HTML 6Page - Analog Devices ADM3232E Datasheet HTML 7Page - Analog Devices ADM3232E Datasheet HTML 8Page - Analog Devices ADM3232E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
±15 kV ESD Protected, 3.3 V, RS-232
Line Driver/Receiver
ADM3232E
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Data rate: 460 kbps
2 Tx and 2 Rx
Meets EIA-232E specifications
0.1 μF charge pump capacitors
ESD protection to IEC1000-4-2 (801.2)
on TTL/CMOS and RS-232 I/Os
Contact discharge: ±8 kV
Air gap discharge: ±15 kV
APPLICATIONS
General-purpose RS-232 data link
Portable instruments
Handsets
Industrial/telecom diagnostic ports
FUNCTIONAL BLOCK DIAGRAM
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
R2IN
TTL/CMOS
INPUTS
RS-232
OUTPUTS
TTL/CMOS
OUTPUTS
RS-232
INPUTS*
T1
T2
R1
R2
+
+
0.1µF
10V
0.1µF
10V
GND
ADM3232E
C3
0.1µF
6.3V
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
C4
0.1µF
10V
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT.
5kΩ
5kΩ
Figure 1.
GENERAL DESCRIPTION
The ADM3232E transceiver is a high speed, 2-channel RS-232/V.28
interface device that operates from a single 3.3 V power supply.
Low power consumption makes it ideal for battery-powered
portable instruments. The ADM3232E conforms to the EIA-232E
and CCITT V.28 specifications and operates at data rates up to
460 kbps.
All RS-232 (T_OUT and R_IN) and TTL/CMOS (T_IN and R_OUT)
inputs and outputs are protected against electrostatic discharges
(up to ±15 kV ESD protection). This ensures compliance with
IEC 1000-4-2 requirements.
This device is ideally suited for operation in electrically harsh
environments or where RS-232 cables are frequently plugged/
unplugged, with the ±15 kV ESD protection of the ADM3232E
input/output pins.
Emissions are also controlled to within very strict limits. CMOS
technology is used to keep the power dissipation to an absolute
minimum, allowing maximum battery life in portable applications.
Four external 0.1 μF charge pump capacitors are used for the
voltage doubler/inverter, permitting operation from a single
3.3 V supply.
The ADM3232E is available in a 16-lead narrow SOIC package,
as well as a space-saving 16-lead TSSOP.


Similar Part No. - ADM3232E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3232E AD-ADM3232E Datasheet
232Kb / 12P
±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
logo
Guangdong Youtai Semico...
ADM3232E UMW-ADM3232E Datasheet
592Kb / 16P
True 3.0V to 5.5V RS-232 Transceivers
logo
Analog Devices
ADM3232EARNZ AD-ADM3232EARNZ Datasheet
232Kb / 12P
Line Driver/Receiver
REV. B
ADM3232EARNZ AD-ADM3232EARNZ Datasheet
232Kb / 12P
±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3232EARNZ-REEL7 AD-ADM3232EARNZ-REEL7 Datasheet
232Kb / 12P
Line Driver/Receiver
REV. B
More results

Similar Description - ADM3232E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX208 TI-MAX208 Datasheet
287Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX211 TI-MAX211_06 Datasheet
289Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
/- 15 kV ESD protected 5 V RS-232 transceiver
08-Feb-2008
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
/-15 kV ESD protected 5 V RS-232 transceiver
22-Aug-2007
logo
Analog Devices
ADM3101E AD-ADM3101E_08 Datasheet
253Kb / 12P
짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
REV. C
ADM3101E AD-ADM3101E_V01 Datasheet
297Kb / 12P
짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com