Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG47512 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG47512
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47512 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG47512 Datasheet HTML 17Page - Renesas Technology Corp SLG47512 Datasheet HTML 18Page - Renesas Technology Corp SLG47512 Datasheet HTML 19Page - Renesas Technology Corp SLG47512 Datasheet HTML 20Page - Renesas Technology Corp SLG47512 Datasheet HTML 21Page - Renesas Technology Corp SLG47512 Datasheet HTML 22Page - Renesas Technology Corp SLG47512 Datasheet HTML 23Page - Renesas Technology Corp SLG47512 Datasheet HTML 24Page - Renesas Technology Corp SLG47512 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
21 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
tw
Width
Edge detect
227
227
155
155
137
137
126
126
ns
tpd
Delay
Edge detect Delayed
238
238
162
162
139
139
129
129
ns
tpd
Delay
DFF Q
12
12
7
7
5
5
4
4
ns
tpd
Delay
DFF nQ
12
12
7
7
5
5
4
4
ns
tpd
Delay
DFF nRESET High Q
--
12
--
7
5
5
--
4
ns
tpd
Delay
DFF nRESET High nQ
12
--
7
--
5
--
4
--
ns
tpd
Delay
DFF nRESET Low Q
--
12
--
7
--
5
--
4
ns
tpd
Delay
DFF nRESET Low nQ
12
--
7
--
5
--
4
--
ns
tpd
Delay
DFF nSET High Q
12
--
7
--
5
--
4
--
ns
tpd
Delay
DFF nSET High nQ
--
12
--
7
--
5
--
4
ns
tpd
Delay
DFF nSET Low Q
12
--
7
--
5
--
4
--
ns
tpd
Delay
DFF nSET Low nQ
--
12
--
7
--
5
--
4
ns
tpd
Delay
Multi-Function DFF Q
13
13
6
6
5
5
4
4
ns
tpd
Delay
Multi-Function DFF nQ
13
13
6
6
5
5
4
4
ns
tpd
Delay
Multi-Function DFF nRESET Q
--
13
--
6
5
5
--
4
ns
tpd
Delay
Multi-Function DFF nRESET nQ
13
--
6
--
5
--
4
--
ns
tpd
Delay
Multi-Function DFF nSET Q
13
--
6
--
5
--
4
--
ns
tpd
Delay
Multi-Function DFF nSET nQ
--
13
--
6
--
5
--
5
ns
tpd
Delay
Shift Registers Q
14
14
7
7
6
6
5
5
ns
tpd
Delay
Shift Registers nQ
14
14
7
7
6
6
5
5
ns
tpd
Delay
Multi-Function Reset CNT Q
19
--
9
--
7
--
6
--
ns
tpd
Delay
Multi-Function Reset CNT nQ
--
19
--
9
--
7
--
6
ns
tpd
Delay
Multi-Function CNT Delay Q
19
19
9
9
7
7
6
6
ns
tpd
Delay
Multi-Function CNT Delay nQ
19
19
9
9
7
7
6
6
ns
tpd
Delay
Multi-Function CNT
Edge Detect Q
19
--
9
--
7
--
6
--
ns
tpd
Delay
Multi-Function CNT
Edge Detect nQ
--
19
--
9
--
7
--
6
ns
tw
Width
Multi-Function CN
T Edge Detect Q
159
--
91
--
70
--
62
--
ns
tw
Width
Multi-Function CNT
Edge Detect nQ
--
159
--
91
--
70
--
62
ns
tpd
Delay
Multi-Function CNT
Frequency Detect Q
32
32
18
18
14
14
12
12
ns
tpd
Delay
Multi-Function CNT
Frequency Detect nQ
32
32
18
18
14
14
12
12
ns
tpd
Delay
Multi-Function CNT One Shot Q
15
--
9
--
7
--
6
--
ns
tpd
Delay
Multi-Function CNT
One Short nQ
--
15
--
9
--
7
--
6
ns
tpd
Delay
PGen CLK
10
10
5
5
4
4
4
4
ns
tpd
Delay
PGen nRESET Hi-Z to 0
--
10
--
5
--
4
--
4
ns
tpd
Delay
PGen nRESET Hi-Z to 1
10
--
5
--
4
--
4
--
ns
Table 12: Typical Delay Estimated for Each Macrocell at T = 25 °C(Continued)
ParameterDescriptionNote
VDD = 1.0 V
VDD = 1.2 V
VDD = 1.5 V
VDD = 1.65 V
Unit
Rising Falling Rising Falling Rising Falling Rising Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com