Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI384 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # TSI384
Description  PCIe® to PCI/X Bridge Product Brief
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI384 Datasheet(HTML) 2 Page - Renesas Technology Corp

  TSI384 Datasheet HTML 1Page - Renesas Technology Corp TSI384 Datasheet HTML 2Page - Renesas Technology Corp TSI384 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tsi384 Evaluation Board Product Brief
2 of 2
August 13, 2009
August 16, 2004August 16, 200
NOT AN OFFER FOR SALE
The information presented herein is subject to a Non-Disclosure Agreement and is for planning purposes only. Nothing contained in this presenta-
tion, whether verbal or written, is intended as, or shall have the effect of, a sale or an offer for sale that creates a contractual power of acceptance.
CORPORATE HEADQUARTERS
6024 Silver Creek Valley Road
San Jose, CA 95138
for SALES:
800-345-7015 or 408-284-8200
fax: 408-284-2775
www.idt.com
for Tech Support:
email: ssdhelp@idt.com
phone: 408-284-8208
document: 80E1000_FB001_07
®
• PCI Express
– Configurable as 1, 2, or 4 lanes
– 512-byte maximum payload
– Advanced error reporting capability
– Supports Lane Reversal and Lane Polarity Inversion
– End-to-end CRC check and generation
– Up to four outstanding memory reads
– ASPM L0s link state power management
– Legacy interrupt signaling and MSI interrupts
– Hot Plug support
• PCI/PCI-X
– 32/64-bit addressing
– 32/64-bit data
– PCI-X operation at 50, 66, 100, and 133 MHz
– PCI operation at 25, 33, 50, and 66 MHz
– Up to eight outstanding memory reads
– 4K read completion buffer
– Four external PCI/X masters supported through internal
arbiter
– Support for external arbiter
• Other
– Support for Masquerade mode
– JTAG IEEE 1149.1, 1149.6
– Support for D0, D3 hot, D3 cold power management states
– 1.2V core power supply
– 1.3W typical power consumption (x4 PCIe to 133-MHz PCI-X)
– Packaged in 17x17 mm, 256-pin PBGA
– Package pinout and footprint compatible with PLX8114
compatible with PLX8114
Benefits
– Enhances system performance by delivering high throughput
and low latency across bus interfaces
– Simplifies system design by offering numerous programmable
features
– Minimizes system power consumption by providing compre-
hensive power management
Typical Applications
The Tsi384 is suited to applications that need to bridge from PCIe to
downstream PCI-X and PCI devices. Its flexibility, high performance,
small footprint, and low power consumption, make it ideal for a wide
range of applications, including:
• Storage Area Network (SAN, RAID HBA cards)
• Network Attached Storage, Direct Attached Storage (NAS, DAS)
• Line cards and NICs
• Routers and switches
• Motherboards (server, SBC, industrial PC)
• PC adapter cards (communications, graphics, imaging, and
multimedia)
• Multi-function printers
• Digital video recorders
Figure 2 HBA Card Application
80E1000_TA001_01
PCI-X 133 MHz
PCI-X 133 MHz
PCIe x4
Tsi384
GbE/FC
Controller
GbE/FC
Controller



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com