Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW2050 Datasheet(PDF) 3 Page - LETEX TECHNOLOGY CORP.

Part # LDW2050
Description  Reed Switch specifications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LDW2050 Datasheet(HTML) 3 Page - LETEX TECHNOLOGY CORP.

  LDW2050 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LDW2050 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LDW2050 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LDW2050
- 3 -
Letex Technology Corp.
Physical Characteristics
Operating Temperature
-40℃
to
+ 125℃
Storage Temperature
-50℃
to
+ 155℃
Vibration 10 – 2000 Hz (G ’ S MAX)
50g
Shock 11ms. ½ Sine wave (G ’ S MAX)
100g
Resonant Frequency (TYP. )
2.5 KHz
Switching Frequency (MAX. )
200 Hz
Breakdown Voltage Vs. PULL IN (AT)
Length after cropping
20
0
200
300
0
400
0
0
30
4
8
6
10
14
12
16
60
40
80
PULL IN (AT)
Length after cropping
50
40
0
0
30
4
40
8
6
10
14
12
16
50
Change in PULL IN Vs. Lead Length
(Increase in PULL IN)
DROP OUT Vs. PULL IN
Pull in (AT)
30
20
0
0
20
30
50
40
60
Change in DROP OUT Vs. Lead Length
(Increase in DROP OUT)
40
50
60
Mi
Mi
Mi
Minimum Life Expectancy
nimum Life Expectancy
nimum Life Expectancy
nimum Life Expectancy
Load
5VDC
2mA
10VDC
1A
24VDC
2mA
125VDC
80mA
200VDC
250mA
250VDC
200mA
Life
1,000×10
6
3×10
6
3×10
6
5×10
6
0.5×10
6
0.7×10
6
End of Life Definition
1.
Contact resistance above 1 ohm.
2. Failure to open (sticking).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com