Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW4001 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LDW4001
Description  Reed Switch specifications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LDW4001 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LDW4001 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LDW4001 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LDW4001 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LDW4003
- 1 -
Letex Technology Corp.
Reed Switch specifications
Model No: LDW-4001
Features
•
•
•
•The LDW-4001 is a single pole double throw reed switch designed for high speed low level switching systems.
Applications
•Automotive electronic devices
•Rotation and speed Monitoring
•Door and Window Contacts for Security System
•Communication equipment
•Measurement equipment
Dimensions
外型圖
外型圖
外型圖
外型圖 : Dimension
Glass Diameter (Max.)
5.4
mm
Glass Length (Max.)
36
mm
Lead Diameter (Nominal)
1.4 / 1.6
mm
Outer Dimension
Overall Length (Max.)
85.5
mm
85.5
MAX
5.4 MAX
36.0
MAX
1.4
DIA


Similar Part No. - LDW4001

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LDW4002 LETEX-LDW4002 Datasheet
98Kb / 3P
Reed Switch specifications
LDW4003 LETEX-LDW4003 Datasheet
132Kb / 3P
Reed Switch specifications
More results

Similar Description - LDW4001

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LDW1002 LETEX-LDW1002 Datasheet
64Kb / 3P
Reed Switch specifications
LDW1003 LETEX-LDW1003 Datasheet
64Kb / 3P
Reed Switch specifications
LDW101SM LETEX-LDW101SM Datasheet
191Kb / 2P
Reed Switch specifications
LDW1410B LETEX-LDW1410B Datasheet
70Kb / 4P
Reed Switch specifications
LDW1501 LETEX-LDW1501 Datasheet
63Kb / 3P
Reed Switch specifications
LDW1555-1 LETEX-LDW1555-1 Datasheet
367Kb / 4P
Reed Switch specifications
LDW2050 LETEX-LDW2050 Datasheet
64Kb / 3P
Reed Switch specifications
LDW4002 LETEX-LDW4002 Datasheet
98Kb / 3P
Reed Switch specifications
LDW5051 LETEX-LDW5051 Datasheet
65Kb / 3P
Reed Switch specifications
LDW9002 LETEX-LDW9002 Datasheet
68Kb / 3P
Reed Switch specifications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com