Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1794-IE8 Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # 1794-IE8
Description  FLEX I/O 8AI CURRENT/VOLTAGE SINGLE ENDED MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

1794-IE8 Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  1794-IE8 Datasheet HTML 1Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automation Systems > Distributed I/O and Signal Converters > Fieldbus I/O Systems > Allen-Bradley FLEX™ I/O >
FLEX™ I/O Modules
FLEX I/O 8AI CURRENT/VOLTAGE SINGLE ENDED MODULE
1794-IE8
Catalogue No:
·
Cover a wide electrical range
·
Densities range from 8...32 points
·
Isolated inputs or outputs, protected outputs, electronic
fusing, or diagnostics available on some modules
·
Removal and Insertion Under Power (RIUP) lets you
replace modules and make cable connections while
the system is in operation
·
FLEX-I/O XT™ extreme environment modules are
rated for -20...70 °C (-4....185 °F) and are compatible
with the ControlLogix-XT™ extreme environment
system. Contact NHP for further information.
·
Each I/O module requires a terminal base for
connection points for I/O wiring
·
Wire directly from sensor to terminal base of the Flex™
I/O module and eliminate the terminal strip
·
Conformally coated modules are available, please
contact NHP for further details
Representative Photo Only
(actual product may vary based on configuration selections)
Analog Input Modules, 8 Single-Ended Inputs
SPECIFICATIONS
Product Series
Component Type Fieldbus I/O
Number of Analogue Inputs
Analogue Input Type(s)
Analogue Input Range(s)
Analogue Resolution, Input
Power Supply
Module Specific Functions
Operating Temperature, Max
Operating Temperature, Min
Flex I/O (Bul.1794)
Analogue Input Module
8 qty
Current / Voltage: Single-Ended
-10 +10V DC
0 ... 10V DC
0 ... 20mA
4 ... 20mA
12 bit (unsigned / unipolar)
24V DC
Interface analog signals with any
programmable controller have block
transfer capability
55 °C max
0 °C min
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Page 1 of 1
7 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
1794IE8 Datasheet
NHP Electrical Engineering Products


Similar Part No. - 1794-IE8

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1794-IE12 NHP-1794-IE12 Datasheet
508Kb / 1P
FLEX I/O 12AI SINGLE ENDED MODULE
7 June 2023,
1794-IE4XOE2 NHP-1794-IE4XOE2 Datasheet
543Kb / 2P
FLEX I/O 4AI 2AO SINGLE ENDED MODULE
7 June 2023,
More results

Similar Description - 1794-IE8

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1794-IE12 NHP-1794-IE12 Datasheet
508Kb / 1P
FLEX I/O 12AI SINGLE ENDED MODULE
7 June 2023,
1794-IE4XOE2 NHP-1794-IE4XOE2 Datasheet
543Kb / 2P
FLEX I/O 4AI 2AO SINGLE ENDED MODULE
7 June 2023,
1794-IF8IH NHP-1794-IF8IH Datasheet
508Kb / 1P
FLEX I/O 8AI CURRENT SINGLE ENDED HART MODULE
7 June 2023,
1794-IR8 NHP-1794-IR8 Datasheet
512Kb / 2P
FLEX I/O 8AI RTD MODULE
7 June 2023,
1794-IRT8 NHP-1794-IRT8 Datasheet
512Kb / 2P
FLEX I/O 8AI THERMOCOUPLE/RTD/MV MODULE
7 June 2023,
1794-IRT8XT NHP-1794-IRT8XT Datasheet
472Kb / 1P
FLEX I/O XT 8AI THERMOCOUPLE/RTD/MV MODULE
7 June 2023,
1794-IT8 NHP-1794-IT8 Datasheet
511Kb / 2P
FLEX I/O 8AI THERMOCOUPLE/MV MODULE
7 June 2023,
1794-OE12 NHP-1794-OE12 Datasheet
593Kb / 1P
FLEX I/O 12AO CURRENT SINGLE ENDED MODULE
7 June 2023,
1794-OF8IH NHP-1794-OF8IH Datasheet
593Kb / 1P
FLEX I/O 8AO CURRENT SINGLE ENDED HART MODULE
7 June 2023,
5069-IF8 NHP-5069-IF8 Datasheet
560Kb / 1P
COMPACT 5000 I/O 8AI VOLTAGE/CURRENT MODULE
8 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com