Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ0895B Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0895B
Description  Crystal Unit SMD 3.2x2.5 16.00MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0895B Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0895B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC
Release document
Reliability Specifications
Reference
standard
resistance to
Temp./ Duration : 265°C /10sec ×2 times
EIAJED-4701
Soldering heat
Total time : 4min.(IR-reflow)
(IR reflow)
-300(301)M(II)
Vibration
Total peak amplitude : 1.5mm
MIL-STD 202G
Vibration frequency
: 10 to 2000 Hz
method 204
Sweep period
: 20 minute
Vibration directions
: 3 mutually perpendicular
Duration
: 2 hr / direc.
Drop test
150 cm with load on Concrete floor
6 mutually perpendicular x 1time
Mechanical
directions
: 3 impacts per axis
MIL-STD 202G
Shock
Acceleration : 3000g's, +20/-0 %
method 213
Duration
: 0.3 ms (total 18 shocks)
Waveform
: Half-sine
Solderability
Solder Temperature:265±5°C
J-STD-002
Duration time: 5±0.5 seconds.
Thermal Shock
Heat cycle conditions
MIL-STD 883G
-40 ℃ (30min)
←→
85 ℃ (30min)
method 1010.8
* cycle time : 10 times
Humidity test
Temperature : 85 ± 2 °C
MIL-STD 202G
Relative humidity : 85%
method 103
Duration
: 96 hours
Dry heat
Temperature : 125 ± 2 °C
MIL-STD 202G
( Aging test )
Duration
: 168 hours
method 108A
Cold resistance
Temperature : -40 ± 2 °C
IEC 60068-2-1
(Low Temp Storage) Duration
: 96 hours
Environmental characteristics
Mechanical characteristics
Test name
Test process / method



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com