Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ0907A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0907A
Description  Crystal Unit SMD 3.2x2.5 24.576MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0907A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0907A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0907A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0907A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0907A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0907A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0907A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0907A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: Crystal Unit SMD 3.2x2.5 24.576MHz
TST Part No.: TZ0907A
Customer Part No.:
Checked by:
Ann Liu
Approved by:
Robert Chang
Date:
7/01/2009
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TZ0907A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0900A TAI-SAW-TZ0900A Datasheet
195Kb / 5P
SMD 5.0x3.2 20.000MHz Crystal Unit
REV. NO.: 1
TZ0901A TAI-SAW-TZ0901A Datasheet
231Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 1
TZ0902A TAI-SAW-TZ0902A Datasheet
343Kb / 7P
SMD 2.5x2.0 52.4288MHz Crystal Unit
REV. NO.: 1
TZ0906A TAI-SAW-TZ0906A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 38.4000MHz
REV. NO.: 3
TZ0908A TAI-SAW-TZ0908A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 4
More results

Similar Description - TZ0907A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0258A TAI-SAW-TW0258A Datasheet
225Kb / 6P
SMD 3.2x2.5 24.576MHz Crystal Oscillator
TZ0303A TAI-SAW-TZ0303A Datasheet
226Kb / 5P
SMD 4.0x2.5 24.576MHz Crystal Unit
REV. NO.: 3
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0620A TAI-SAW-TZ0620A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0630A TAI-SAW-TZ0630A Datasheet
197Kb / 5P
SMD 4.0x2.5 24.576MHz Crystal Unit
REV. NO.: 1
TZ0714A TAI-SAW-TZ0714A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 4
TZ0740A TAI-SAW-TZ0740A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0745A TAI-SAW-TZ0745A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0815A TAI-SAW-TZ0815A Datasheet
303Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ1448A TAI-SAW-TZ1448A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com