Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ0908A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0908A
Description  Crystal Unit SMD 3.2x2.5 26.0000MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0908A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0908A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0908A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0908A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0908A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0908A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0908A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0908A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: Crystal Unit SMD 3.2x2.5 26.0000MHz
TST Part No.: TZ0908A
Customer Part No.:
Checked by:
C.C. Hsu
Approved by:
Robert Chang
Date:
6/22/2009
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TZ0908A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0900A TAI-SAW-TZ0900A Datasheet
195Kb / 5P
SMD 5.0x3.2 20.000MHz Crystal Unit
REV. NO.: 1
TZ0901A TAI-SAW-TZ0901A Datasheet
231Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 1
TZ0902A TAI-SAW-TZ0902A Datasheet
343Kb / 7P
SMD 2.5x2.0 52.4288MHz Crystal Unit
REV. NO.: 1
TZ0906A TAI-SAW-TZ0906A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 38.4000MHz
REV. NO.: 3
TZ0907A TAI-SAW-TZ0907A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
More results

Similar Description - TZ0908A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0413A TAI-SAW-TZ0413A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 4
TZ0495A TAI-SAW-TZ0495A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
TZ0640A TAI-SAW-TZ0640A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
TZ0742A TAI-SAW-TZ0742A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
TZ0813A TAI-SAW-TZ0813A Datasheet
438Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 6
TZ0820A TAI-SAW-TZ0820A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.:5
TZ1004A TAI-SAW-TZ1004A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 2
TZ1083A TAI-SAW-TZ1083A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 2
TZ1207A TAI-SAW-TZ1207A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
TZ1215A TAI-SAW-TZ1215A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com