Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ0935A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0935A
Description  SMD 5.0x3.2 27.000MHz Crystal Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0935A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0935A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0935A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0935A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0935A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0935A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: 11/22/2007 (REV. NO: 1)
Product Name: SMD 5.0x3.2 27.000MHz Crystal Unit
TST Parts No.: TZ0935A
Customer Parts No. :
Company:
Division:
Approved by:
Date:
Checked by:
CC Hsu
Approval by:
Robert Chang
Date:
11/22/2007


Similar Part No. - TZ0935A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0931A TAI-SAW-TZ0931A Datasheet
103Kb / 7P
Crystal Unit SMD 5.0x3.2 26MHz
REV. NO.: 2.0
More results

Similar Description - TZ0935A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0732A TAI-SAW-TZ0732A Datasheet
182Kb / 5P
SMD 5.0x3.2 35.00MHz Crystal Unit
REV. NO.: 1
TZ0773A TAI-SAW-TZ0773A Datasheet
180Kb / 5P
SMD 5.0x3.2 24.576MHz Crystal Unit
REV. NO.: 1
TZ0829A TAI-SAW-TZ0829A Datasheet
189Kb / 5P
SMD 5.0x3.2 16.369MHz Crystal Unit
REV. NO.: 1
TZ0848A TAI-SAW-TZ0848A Datasheet
189Kb / 5P
SMD 5.0x3.2 27.456MHz Crystal Unit
REV. NO.: 1
TZ0863A TAI-SAW-TZ0863A Datasheet
189Kb / 5P
SMD 5.0x3.2 10.368MHz Crystal Unit
REV. NO.: 1
TZ0881A TAI-SAW-TZ0881A Datasheet
189Kb / 5P
SMD 5.0x3.2 9.6MHz Crystal Unit
REV. NO.: 1
TZ0899A TAI-SAW-TZ0899A Datasheet
195Kb / 5P
SMD 5.0x3.2 16.369MHz Crystal Unit
REV. NO.: 1
TZ0926A TAI-SAW-TZ0926A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 27.000MHz
REV. NO.: 3
TZ1015A TAI-SAW-TZ1015A Datasheet
195Kb / 5P
SMD 5.0x3.2 16.36625MHz Crystal Unit
REV. NO.: 1
TZ1323D TAI-SAW-TZ1323D Datasheet
161Kb / 8P
Crystal Unit SMD 2.0x1.6 27.000MHz
REV. NO.: 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com