Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ0948A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0948A
Description  Crystal Unit SMD 3.2x2.5 22.1184MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0948A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0948A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0948A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0948A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0948A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0948A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0948A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0948A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: Crystal Unit SMD 3.2x2.5 22.1184MHz
TST Part No.: TZ0948A
Customer Part No.:
Checked by:
Kelly Huang
Approved by:
Robert Chang
Date:
6/29/2009
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TZ0948A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0944A TAI-SAW-TZ0944A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.:2
More results

Similar Description - TZ0948A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0308D TAI-SAW-TZ0308D Datasheet
146Kb / 7P
Crystal Unit SMD 3.2x2.5 40.000MHz
REV. NO.: 1
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0342A TAI-SAW-TZ0342A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 5
TZ0348A TAI-SAW-TZ0348A Datasheet
120Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 5
TZ0426A TAI-SAW-TZ0426A Datasheet
226Kb / 5P
SMD 4.0x2.5 22.1184MHz Crystal Unit
REV. NO.: 1
TZ1124A TAI-SAW-TZ1124A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 22.1184MHz
REV. NO.:2
TZ1980A TAI-SAW-TZ1980A Datasheet
71Kb / 5P
HC49US 22.1184MHz Crystal Unit
REV. NO.: 1.0
TZ2074A TAI-SAW-TZ2074A Datasheet
127Kb / 8P
Crystal Unit SMD 3.2x2.5 22.1184MHz
REV. NO.: 1
TZ2246A TAI-SAW-TZ2246A Datasheet
422Kb / 8P
Crystal Unit SMD 3.2x2.5 22.1184MHz
REV. NO.: 1
TZ2410A TAI-SAW-TZ2410A Datasheet
295Kb / 4P
HC49US 22.1184MHz Crystal Unit
REV. NO.: 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com