Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ0980A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0980A
Description  Crystal Unit SMD 3.2x2.5 26.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0980A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0980A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0980A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0980A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0980A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0980A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0980A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0980A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: Crystal Unit SMD 3.2x2.5 26.0MHz
TST Part No.: TZ0980A
Customer Part No.:
Checked by:
Ann Liu
Approved by:
Robert Chang
Date:
7/01/2009
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TZ0980A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0982A TAI-SAW-TZ0982A Datasheet
195Kb / 5P
SMD 2.5x2.0 27.6MHz Crystal Unit
REV. NO.: 1
TZ0986A TAI-SAW-TZ0986A Datasheet
365Kb / 7P
Crystal Unit SMD 5.0x3.2 16.367667MHz
REV. NO.: 2
TZ0987A TAI-SAW-TZ0987A Datasheet
125Kb / 7P
Crystal Unit SMD 3.2x2.5 40.00MHz
REV. NO.: 1
More results

Similar Description - TZ0980A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0311A TAI-SAW-TZ0311A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 5
TZ0380A TAI-SAW-TZ0380A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 4
TZ0606A TAI-SAW-TZ0606A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 4
TZ0763A TAI-SAW-TZ0763A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 3
TZ0770A TAI-SAW-TZ0770A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 3
TZ0928AC TAI-SAW-TZ0928AC Datasheet
434Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 1
TZ1341A TAI-SAW-TZ1341A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 2
TZ1606A TAI-SAW-TZ1606A Datasheet
442Kb / 7P
SMD 3.2x2.5 26.0MHz Crystal Unit
REV. NO.: 5
TZ1727A TAI-SAW-TZ1727A Datasheet
431Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 1
TZ2019A TAI-SAW-TZ2019A Datasheet
459Kb / 8P
SMD 3.2x2.5 26.0MHz Crystal Unit
REV. NO.: 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com