Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ0987A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0987A
Description  Crystal Unit SMD 3.2x2.5 40.00MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0987A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0987A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0987A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0987A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0987A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0987A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0987A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0987A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
Crystal Unit SMD 3.2x2.5 40.00MHz
MODEL NO.: TZ0987A
REV. NO.: 5
Revise:
Rev.
Rev. Page
Rev. Account
Date
Ref. No.
Revised by
4
5
5
3-7
Changed T/R drawing
Update MSL, Base, Marking,
T/R, Reliability
06/29/09’
02/22/21’
ECN-200900240
ECN-202100083
Kelly Huang
Yifan Chen



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com