Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW-150-24 Datasheet(PDF) 3 Page - Lin Eng. Inc.

Part # PW-150-24
Description  POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

PW-150-24 Datasheet(HTML) 3 Page - Lin Eng. Inc.

  PW-150-24 Datasheet HTML 1Page - Lin Eng. Inc. PW-150-24 Datasheet HTML 2Page - Lin Eng. Inc. PW-150-24 Datasheet HTML 3Page - Lin Eng. Inc. PW-150-24 Datasheet HTML 4Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
AC Line
2
AC Neutral
3
FG
4
- Output
5
- Output
6
+ Output
7
+ Output
ENE3TRI3AN SPE3IFI3ATIMGS
INPUT SPECIFICATIONS
 
Input Voltage Range
Input Current
3.3V:
Frequency Range:
Inrush Current, typ:
Leakage Current
85-264 VAC
2.2 A/ 115 V 1.1A/230V
1.5A/ 115V 0.8A/230V
47-440 Hz
Cold Start 40A/ 230V *
< =0.96/ 230V.>=0.98/115V
OUTPUT SPECIFICATIONS
 
Voltage and Current
Load Reulation (0%-FL)
Line Regulation
Output V. Tolerance
DC Voltage Adjust
Temperature Coef'cient
Ripple/ Noise
24,27, 48 Vout
All other O/ Pºs
Over Voltage Protection
Overload Protection
Setup/ Rise/ Holdup
(230 VAC)
See Selection Chart
+/ - 0.5 to 1% Max of FS, typ
+/ - 0.5%, typ
+/ - 1-2%, typ
+/ - 10%, -5%
+/ - 0.05%/~C (0-50~C)
250mVp-p, typ
100Vp-p, typ
110% w 135% *
Shutdo;nK Re-po;er on
105 w 150%, Constant 1 Limit
Auto Recovery
600mS/ 30mS/ 20mS
GENERAL SPECIFICATIONS
 
Input-Out Isolation
Isolation Resistance
I/ P-O/P, I/P-G O/P-G:
Ef'ciency (3.3 V through 48V)
S;itching Frenquency
Safety
EN60950
UL1950
I/ P-O/P: 300 VAC
I/ P-G: 1500 VAC
O/ P: 0.5#VAC
500VDC/ 100
80%, typ
135 #hz, ('xed, typical)
TUV Fileb9754834
UL Fileb E183223
ENVIROMENTAL SPECIFICATIONS
 
Oper. Temperature
Storage Temperature
Relative Humidity
ViYration
EMC
MTBF
-10 w +60~C
-20 to +85~C
10% to 95%, non-cond *
10 w 500Hz, 2G 10min./ 1cycle,
Period for 60 min.
Each Axes
CISPR22 (EN55022)B,
EN61000-4-2,3,5,6,8,11
ENV50204
EN61000-3-2,-3
MTBF 75,000 Hrs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com