Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R325P Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # R325P
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R325P Datasheet(HTML) 1 Page - Lin Eng. Inc.

  R325P Datasheet HTML 1Page - Lin Eng. Inc. R325P Datasheet HTML 2Page - Lin Eng. Inc. R325P Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
R325P
R325P
STEPPER DRIVER
FEATURES AND BENEFITS
• Operates from +12 to 48 VDC
• Phase current from 0.3 to 3.0 Amps Peak
• Step Resolutions from Full to 256 microstep-
ping
• Hold current reduction capability with ad-
justable current and timeout settings
• Three optically isolated control inputs and
one optically isolated control output
DIMENSION


Similar Part No. - R325P

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
STEPPER DRIVER
More results

Similar Description - R325P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
STEPPER DRIVER
R208 LINENGINEERING-R208 Datasheet
1Mb / 3P
STEPPER DRIVER
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
STEPPER DRIVER
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
STEPPER DRIVER
R701P LINENGINEERING-R701P Datasheet
531Kb / 3P
STEPPER DRIVER
R710 LINENGINEERING-R710 Datasheet
1Mb / 4P
STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
STEPPER DRIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com