Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R701 Datasheet(PDF) 2 Page - Lin Eng. Inc.

Part # R701
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R701 Datasheet(HTML) 2 Page - Lin Eng. Inc.

  R701 Datasheet HTML 1Page - Lin Eng. Inc. R701 Datasheet HTML 2Page - Lin Eng. Inc. R701 Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PIN OUTS
PIN NUGBER
FUNCTION
1
Power Ground
2
+24 to 80 VDC
3
A Phase
4
A Bar Phase
5
B Phase
6
B Bar Phase
7
Disable
8
Direction
9
Step
10
+5 VDC
11
Current Set
12
Current Set
To set the Current with the Correct Resistor, use the following Table:
CURRENT (Amps)
RESISTANCE (Ohms)
1
8.2K
2
18K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com