Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R710 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # R710
Description  STEPPER DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R710 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  R710 Datasheet HTML 1Page - Lin Eng. Inc. R710 Datasheet HTML 2Page - Lin Eng. Inc. R710 Datasheet HTML 3Page - Lin Eng. Inc. R710 Datasheet HTML 4Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
R710
R710
STEPPER DRIVER
FEATURES AND BENEFITS
• Built-in step pulse multiplier 1, 2, 5, and 10
• Common Ground or Common +5 Volts Input
Option Available
• Input Voltage of +12 to 80 VDC
• Phase Current Ranges from 0.3 to 7.0 Amps
Peak
• Full step, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64,
1/128, 1/256
• RS485 Communication with Optional Con-
verter Cards Available
• 2 User Con:gurable Digital I/O
• 2 Dedicated InputsH 1 Optical Sensor for
yoming, 1 Switch Closure to Ground
• FullM Programmable Ramps and Speeds
• Software Selectable yold and  ove Currents
• Stand Alone Operation with No Connection to
PC
• Stores up to 16 Different Programs at Once
with 4 kBMtes of  em
OPTIONS
ADJUSTABLE TRIMPOT
The potentiometer shown on the board can be rotated using a screwdriver. It’s recommended to rotate the motor at 0.25 RPS.
Then to adjust the potentiometer until there is the least amount of vibration and noise coming out of the motor. This will be
the position that the driver will perform smoothly with a given motor and power supply voltage.
The adjustment will alter the current waveform coming out of the driver and into the motor coils.


Similar Part No. - R710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
R710FZ2T6 STMICROELECTRONICS-R710FZ2T6 Datasheet
1Mb / 80P
ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
03-Apr-2013
More results

Similar Description - R710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
STEPPER DRIVER
R208 LINENGINEERING-R208 Datasheet
1Mb / 3P
STEPPER DRIVER
R325P LINENGINEERING-R325P Datasheet
699Kb / 3P
STEPPER DRIVER
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
STEPPER DRIVER
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
STEPPER DRIVER
R701P LINENGINEERING-R701P Datasheet
531Kb / 3P
STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
STEPPER DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com