Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R725 Datasheet(PDF) 3 Page - Lin Eng. Inc.

Part # R725
Description  STEPPER DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R725 Datasheet(HTML) 3 Page - Lin Eng. Inc.

  R725 Datasheet HTML 1Page - Lin Eng. Inc. R725 Datasheet HTML 2Page - Lin Eng. Inc. R725 Datasheet HTML 3Page - Lin Eng. Inc. R725 Datasheet HTML 4Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1 
GND 
Signal Ground
2 
STP 
The edge of step pulse on this input ad-
vances the motor one increment. The
size  of the increment is dependent upon
the settings of the resolution.
3 
DIR 
This input is used to change the direc-
tion of the motor.
4 
+5V 
This +5VDC input is used to supply pow-
er to the isolated logic inputs.
5 
ENABLE 
This input is used to enable/ disable the
output section of the driver. When in a 
Logic HIGH state (open), the outputs are
enabled.
6 
RESET 
When LOW, this input will reset the driver
(phase outputs will disable).
7 
FAULT OUTPUT 
This output indicates that a short circuit
condition has occurred. This output is 
active LOW.
8 
FULLSTEP OUTPUT 
This output indicates when the driver
is positioned at full step. This output
can be  used to count the number of
full steps the motor has moved, regard-
less of the  number of microsteps in be-
tween. 
Connector 2
PIN# 
FUNCTION 
DETAILS
1 
REDUCE CURRENT 
Phase Current Reduction Adjustment
2 
CURRENT 
Phase Current Adjustment
3 
GND 
Power Ground. The ground, or return, of
the power supply is connected  here
4 
V+ 
Motor Supply Voltage. +18V to +80VDC
5 
~PHB 
~PHASE B of the stepping motor
6 
PHB 
PHASE B of the stepping motor
7 
~PHA 
~PHASE A of the stepping motor
8 
PHA 
PHASE A of the stepping motor
ELECTRICAL SPECIFICATIONS
• INPUT VOLTAGE: +18 to 80
• DRIVE CURRENT(PEAK):  0.1 to 7 Amps
• ISOLATED INPUTS: Reset, Enable, Step, Direction
• STEP FREQUENCY (MAX): 2.5 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com