Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW9002 Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LDW9002
Description  Reed Switch specifications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LDW9002 Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LDW9002 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LDW9002 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LDW9002 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LDW9002
- 2 -
Letex Technology Corp.
Electrical Characteristics
Contact form
SPDT Form C Off-Centre gap
Contact material
Ru
Switching power
(max.)
30 VA
Switching Current
(max.)
1.0 Amp. DC
0.5 Amp. AC
Carry Current
(max.)
1.0 Amp. DC
1.0 Amp. AC
Switching voltage
(max.)
200 VDC
Breakdown voltage
(min.)
350 VDC
Contact resistance
(max.)
150 Miniohms
Insulation resistance
(min.)
10
8 Ohms
Contact capacitance
(max.)
2.0 pF
Operate time including bounce
(typ.)
2.5 ms
Release time
(typ.)
1.5 ms
Pull in Range
50 – 120 AT
Drop out
30 – 70%
1. The specification for VA rating may be exceeded for less sensitive (High AT) switches, and should be
decreased for very sensitive (Low AT) switches. Specific life testing for a particular load will be run
upon request.
Note:
2. Breakdown voltage is measured in the presence of a radioactive ionizing source with leakage current
limited to 100 uA.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com