Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS107A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BS107A
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BS107A Datasheet(HTML) 2 Page - NXP Semiconductors

  BS107A Datasheet HTML 1Page - NXP Semiconductors BS107A Datasheet HTML 2Page - NXP Semiconductors BS107A Datasheet HTML 3Page - NXP Semiconductors BS107A Datasheet HTML 4Page - NXP Semiconductors BS107A Datasheet HTML 5Page - NXP Semiconductors BS107A Datasheet HTML 6Page - NXP Semiconductors BS107A Datasheet HTML 7Page - NXP Semiconductors BS107A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BS107A
FEATURES
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No second breakdown
DESCRIPTION
N-channel enhancement mode
vertical D-MOS transistor in TO-92
envelope and designed for use as line
current interrupter in telephone sets
and for application in relay,
high-speed and line-transformer
drivers.
PINNING - TO-92
1
=
source
2
=
gate
3
=
drain
QUICK REFERENCE DATA
Drain-source voltage
VDS
max.
200 V
Gate-source voltage (open drain)
± VGSO max.
20 V
Drain current (DC)
ID
max.
250 mA
Total power dissipation up to Tcase =25 °CPtot
max.
0.6 W
Drain-source ON-resistance
typ.
max.
4.5
6.4
ID = 250 mA; VGS = 10 V
RDS(on)
Transfer admittance
min.
typ.
200
350
mS
mS
ID = 250 mA; VGS = 25 V
 Yfs
PIN CONFIGURATION
Fig.1 Simplified outline and symbol.
Note: Various pinnings are available.
handbook, halfpage
1
3
2
MSB033
handbook, 2 columns
s
d
g
MBB076 - 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com