Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2817 Datasheet(PDF) 28 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 24Page - Analog Devices ADN2817 Datasheet HTML 25Page - Analog Devices ADN2817 Datasheet HTML 26Page - Analog Devices ADN2817 Datasheet HTML 27Page - Analog Devices ADN2817 Datasheet HTML 28Page - Analog Devices ADN2817 Datasheet HTML 29Page - Analog Devices ADN2817 Datasheet HTML 30Page - Analog Devices ADN2817 Datasheet HTML 31Page - Analog Devices ADN2817 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 28 of 35
Transmission Lines
Use of 50 Ω transmission lines is required for all high frequency
input and output signals to minimize reflections: PIN, NIN,
CLKOUTP, CLKOUTN, DATAOUTP, DATAOUTN (also
REFCLKP, REFCLKN, if a high frequency reference clock is
used, such as 155 MHz). It is also necessary for the PIN/NIN
input traces to be matched in length, and the CLKOUTP/N and
DATAOUTP/N output traces to be matched in length to avoid
skew between the differential traces. All high speed CML
outputs, CLKOUTP/N and DATAOUTP/N, also require 100 Ω
back termination chip resistors connected between the output
pin and VCC. These resistors should be placed as close as
possible to the output pins. These 100 Ω resistors are in parallel
with on-chip 100 Ω termination resistors to create a 50 Ω back
termination (see Figure 25).
The high speed inputs, PIN and NIN, are internally terminated
with 50 Ω to an internal reference voltage (see Figure 26).
A 0.1 μF is recommended between VREF, Pin 3, and GND to
provide an ac ground for the inputs.
As with any high speed mixed-signal design, take care to keep
all high speed digital traces away from sensitive analog nodes.
50
50
ADN2817/18
100
100
VCC
100
100
VCC
VTERM
VTERM
50
Ω
0.1
μ
0.1
μ
Figure 25. Typical ADN2817/ADN2818 Applications Circuit
ADN2817/18
50
Ω
CIN
CIN
50
50
VCC
TIA
0.1uF
PIN
NIN
VREF
3k
2.5V
Figure 26. ADN2817/ADN2818 AC-Coupled Input Configuration
Soldering Guidelines for Chip Scale Package
The lands on the 32 LFCSP are rectangular. The printed circuit
board pad for these should be 0.1 mm longer than the package
land length and 0.05 mm wider than the package land width.
The land should be centered on the pad. This ensures that the
solder joint size is maximized. The bottom of the chip scale
package has a central exposed pad. The pad on the printed
circuit board should be at least as large as this exposed pad. The
user must connect the exposed pad to VEE using plugged vias
so that solder does not leak through the vias during reflow. This
ensures a solid connection from the exposed pad to VEE.
Choosing AC Coupling Capacitors
AC coupling capacitors at the input (PIN, NIN) and output
(DATAOUTP, DATAOUTN) of the ADN2817/ADN2818 must
be chosen such that the device works properly over the full
range of data rates used in the application. When choosing the
capacitors, the time constant formed with the two 50 Ω resistors
in the signal path must be considered. When a large number of
consecutive identical digits (CIDs) are applied, the capacitor
voltage can droop due to baseline wander (see Figure 27),
causing pattern-dependent jitter (PDJ).
The user must determine how much droop is tolerable and
choose an ac coupling capacitor based on that amount of droop.
The amount of PDJ can then be approximated based on the
capacitor selection. The actual capacitor value selection may
require some trade-offs between droop and PDJ.
Example: Assuming that 2% droop can be tolerated, then the
maximum differential droop is 4%. Normalizing to Vpp:
Droop = Δ V = 0.04 V = 0.5 Vpp (1 − e–t/τ) ; therefore, τ = 12t
where:
τ is the RC time constant (C is the ac coupling capacitor, R =
100 Ω seen by C).
t is the total discharge time, which is equal to nΤ.
n is the number of CIDs.
T is the bit period.
The capacitor value can then be calculated by combining the
equations for τ and t:
R
nT
C
/
12
=
Once the capacitor value is selected, the PDJ can be
approximated as
(
)
(
) 6.
0
/
1
5
.
0
r
nT/RC
pspp
e
t
PDJ
=
where:
PDJpspp is the amount of pattern-dependent jitter allowed;
< 0.01 UI p-p typical.
tr is the rise time, which is equal to 0.22/BW,
where BW ~ 0.7 (bit rate).
Note that this expression for tr is accurate only for the inputs.
The output rise time for the ADN2817/ADN2818 is ~100 ps
regardless of data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com