Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

339-K-M Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 339-K-M
Description  Double terminals Central screw hole, 2-pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

339-K-M Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  339-K-M Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
339-K-M / 339-K-MU
Double terminals
Central screw hole, 2-pole
01.20
339-K-M
339-K-MU
MATERIAL
Base material
Technical ceramics
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 250°C (Potting compound 120°C)
Mantle terminal
M7; Nickel plated brass
Screw
M3; Zinc plated steel
Washer
Zinc plated steel
Potting compound
Epoxy resin
OPTIONS / ACCESSORIES
• Double terminals with upper parts DF (with reversing lock)
[1] "-M" version: The clamping range for flexible and AWG conductors was
determined using ferrules. The use of flexible conductors without ferrules is not
recommended.
CONFIGURATIONS
Item
Article number
PU
339-K-M
13.636.006
44
339-K-MU
23.636.006
50
GENERAL INFORMATION
No. of poles
2
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
339-K-M:
0,2 - 6 mm² / 0,25 - 4 mm² / 22 - 12 AWG [1]
339-K-MU:
0,2 - 6 mm² / 0,2 - 6 mm² / 24 - 10 AWG
Rated Cross Section
6 mm²
Wire Stripping Length
8 mm ± 1 mm
Rated Insulation Voltage
450 V acc. to EN 60998-1
Rated Current
41 A
Torque
2,5 Nm
Fixing Holes
ø 4,8 mm
Distance
12 mm
Base mounting
Recommendation:
Screw M4 with matching washer; max. torque 1.5
Nm; use of an elastic & insulating substrate.
Other specifications
Terminal strips must not be strung together without
considering the clearance and creepage distances.
Rated values apply to use in combination with
insulated substrates.


Similar Part No. - 339-K-M

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
339-K WECO-339-K Datasheet
206Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 2-pole
01.20
More results

Similar Description - 339-K-M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
Screw Terminals
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
SCREW TERMINALS
logo
WECO ELECTRICAL CONNECT...
339-K WECO-339-K Datasheet
206Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 2-pole
01.20
360-K-M WECO-360-K-M Datasheet
217Kb / 1P
Double terminals Central screw hole, 2-pole
01.20
360-K WECO-360-K Datasheet
494Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 2-pole
01.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com