Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z50FG Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # Z50FG
Description  2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 200 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

Z50FG Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  Z50FG Datasheet HTML 1Page - Voltage Multipliers Inc. Z50FG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
105
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
4
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Z25FG
Z50FG
Z100FG
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
2,500 V - 10,000 V Rectifiers
0.50 A - 1.5 A Forward Current
200 ns Recovery Time
AXIAL LEADED
HERMETICALLY SEALED
(1)TL=55°C L=0.375" (2)TL=100°C L=0.375" (3)If=0.5A, Ir=1.0A, Irr=0.25A • Op.Temp.= -65°C to +175°C Stg.Temp.= -65°C to +200°C
t
r
a
PA
G
F
5
2
Z
G
F
0
5
Z
.
X
A
M
)
9
8
.
8
(
0
5
3
.
G
F
0
0
1
Z.
X
A
M
)
6
1
.
0
1
(
0
0
4
.
.215(5.5)
MAX.
1.00(25.4)
MIN.
.040 ±.003
(1.02 ±.08)
A
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
u L-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
20
0
0
=
L5
2
1
.
=
L0
5
2
.
=
LC
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°W
/
C
°W
/
C
°F
p
G
F
5
2
Z
G
F
0
5
Z
G
F
0
0
1
Z
0
0
5
2
0
0
0
5
0
0
0
0
1
0
5
.
1
0
0
.
1
0
5
.
0
0
0
.
1
0
5
.
0
5
2
.
0
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
5
.
6
5
.
9
0
.
3
1
0
0
.
2
0
0
.
1
0
6
.
0
0
6
0
4
5
2
0
1
8
5
0
0
2
0
0
2
0
0
2
3
3
3
6
6
6
2
1
2
1
2
1
0
2
6
1
8


Similar Part No. - Z50FG

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
Z50FG NJSEMI-Z50FG Datasheet
98Kb / 2P
HIGH VOLTAGE RECTIFIERS
More results

Similar Description - Z50FG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6513 ETC-1N6513 Datasheet
95Kb / 2P
2,000 V - 10,000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time
Z25UFG ETC1-Z25UFG Datasheet
98Kb / 2P
2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 100 ns Recovery Time
SP25F ETC1-SP25F Datasheet
75Kb / 2P
2,500 V - 10,000 V Rectifier Stacks (0.5 A Forward Current 150 ns Recovery Time)
Z25SG ETC1-Z25SG Datasheet
98Kb / 2P
2,500 V - 10,000 V Rectifiers (0.50 A - 1.5 A Forward Current 3000 ns Recovery Time)
logo
Voltage Multipliers Inc...
FP25S VMI-FP25S Datasheet
82Kb / 2P
2,500 V - 10,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
K25F VMI-K25F Datasheet
83Kb / 2P
2,500 V - 10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 200 ns Recovery Time
X25FG VMI-X25FG Datasheet
94Kb / 2P
2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
X25UFG VMI-X25UFG Datasheet
94Kb / 2P
2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time
Z25UFG VMI-Z25UFG Datasheet
98Kb / 2P
2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 100 ns Recovery Time
logo
New Jersey Semi-Conduct...
NJS25UF NJSEMI-NJS25UF Datasheet
274Kb / 1P
2,500 V -10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 100 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com