Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1621 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1621 Datasheet HTML 23Page - Analog Devices ADP1621 Datasheet HTML 24Page - Analog Devices ADP1621 Datasheet HTML 25Page - Analog Devices ADP1621 Datasheet HTML 26Page - Analog Devices ADP1621 Datasheet HTML 27Page - Analog Devices ADP1621 Datasheet HTML 28Page - Analog Devices ADP1621 Datasheet HTML 29Page - Analog Devices ADP1621 Datasheet HTML 30Page - Analog Devices ADP1621 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADP1621
Rev. A | Page 27 of 32
SEPIC CONVERTER CIRCUIT
A single-ended primary inductance converter (SEPIC) topology
is shown in Figure 39. This topology is useful for an unregulated
input voltage, where the regulated output voltage falls within the
input voltage range.
The input and output are dc-isolated by a coupling capacitor,
C5. L1 and L2 are coupled inductors with a 1:1 turn ratio, which
saves space on the PCB. In steady state, the average voltage across
C5 is the input voltage. When the MOSFET turns on and the
diode turns off, the input voltage provides energy to L1, and C5
provides energy to L2. The output capacitor, COUT, supplies the
load current during this time. When the MOSFET turns off and
the diode turns on, the energy in L1 and L2 is released to charge
the output capacitor, COUT, and the coupling capacitor, C5, as
well as to supply current to the load.
LOW VOLTAGE POWER-INPUT CIRCUIT
The ADP1621 can be configured to run from a low voltage
(as low as 1 V) power input. The power source generally needs
to have a high current capability, such as a fuel cell. Figure 40
illustrates such an application, where the voltage of the power
input is 1 V and the voltage of the chip supply to the IN and
PIN pins is provided by an auxiliary low power source.
ADP1621
IN
GATE
PGND
AGND
FB
SDSN
COMP
FREQ
GND
PIN
CS
R1
17.4kΩ
1%
R2
10kΩ
1%
C1
22µF
10V
×2
C5
10µF
10V
X5R
L2
2.4µH
L1
2.4µH
M1
CCOMP
1.2nF
fOSC = 325kHz
C1 = MURATA GRM332ER61A226K
COUT2 = SANYO POSCAP 6TPE150MI
C5 = MURATA GRM21BR61A106K
L1, L2 = COUPLED INDUCTORS, 1:1 RATIO, BH ELECTRONICS BH510-1006
M1 = VISHAY Si7882DP
D1 = VISHAY SSC53L
RS
80Ω
COUT1
1µF
10V
RFREQ
65kΩ
COUT2
150µF
6.3V
×3
VOUT = 3.3V
2A
VIN = 3V TO 5.5V
D1
C3
1µF
10V
C4
0.1µF
10V
C2
33pF
RCOMP
26kΩ
Figure 39. A SEPIC DC/DC Converter
ADP1621
IN
GATE
PGND
AGND
FB
SDSN
COMP
FREQ
GND
PIN
CS
R1
35.7kΩ
1%
R2
11.5kΩ
1%
C1
100µF
X5R
6.3V
L1
2.2µH
M1
CCOMP
56nF
COUT1
1µF
10V
fOSC = 600kHz
C1 = MURATA GRM32ER60J107ME20
COUT2 = MURATA GRM21BR60J106K
COUT3 = SANYO POSCAP 6TPE150MI
M1 = VISHAY Si7882DP
D1 = MBRD835L
L1 = TOKO FDV0630-2R2M
RS
249Ω
COUT2
10µF
6.3V
RFREQ
31.6kΩ
1%
COUT3
150µF
6.3V
×2
VOUT = 5V
1A
VIN = 1V
VCC = 2.9V TO 5.5V
D1
C3
1µF
10V
C4
0.1µF
10V
C2
260pF
RCOMP
9.4kΩ
Figure 40. Low Voltage Power-Input Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com