Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1821 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 9Page - Analog Devices ADP1821 Datasheet HTML 10Page - Analog Devices ADP1821 Datasheet HTML 11Page - Analog Devices ADP1821 Datasheet HTML 12Page - Analog Devices ADP1821 Datasheet HTML 13Page - Analog Devices ADP1821 Datasheet HTML 14Page - Analog Devices ADP1821 Datasheet HTML 15Page - Analog Devices ADP1821 Datasheet HTML 16Page - Analog Devices ADP1821 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADP1821
Rev. B | Page 13 of 24
In the case of output capacitors where the impedance of the
ESR and ESL are small at the switching frequency, for instance,
where the output capacitor is a bank of parallel MLCC capaci-
tors, the capacitive impedance dominates and the ripple
equation reduces to
SW
OUT
L
OUT
f
C
I
V
8
Δ
Δ
(7)
Make sure that the ripple current rating of the output capacitors
is greater than the maximum inductor ripple current.
During a load step transient on the output, the output capacitor
supplies the load until the control loop has a chance to ramp the
inductor current. This initial output voltage deviation due to a
change in load is dependent on the output capacitor character-
istics. Again, usually the capacitor ESR dominates this response,
and the ΔVOUT in Equation 6 can be used with the load step
current value for ΔIL.
SELECTING THE MOSFETS
The choice of MOSFET directly affects the dc-to-dc converter
performance. The MOSFET must have low on resistance to reduce
I2R losses and low gate charge to reduce transition losses. In
addition, the MOSFET must have low thermal resistance to
ensure that the power dissipated in the MOSFET does not result
in excessive MOSFET die temperature.
The high-side MOSFET carries the load current during on-time
and carries all the transition losses of the converter. Typically,
the lower the MOSFET on resistance, the higher the gate charge
and vice versa. Therefore, it is important to choose a high-side
MOSFET that balances the two losses. The conduction loss of
the high-side MOSFET is determined by the equation
()
⎟⎟
⎜⎜
IN
OUT
DSON
LOAD
C
V
V
R
I
P
2
(8)
where:
PC = conduction power loss.
RDSON = MOSFET on resistance.
The gate charging loss is approximated by the equation
SW
G
PVCC
G
f
Q
V
P ≅
(9)
where:
PG = gate charging loss power.
VPVCC = gate driver supply voltage.
QG = MOSFET total gate charge.
fSW = converter switching frequency.
The high-side MOSFET transition loss is approximated by the
equation
(
)
2
SW
F
R
LOAD
IN
T
f
t
t
I
V
P
+
=
(10)
where:
PT = high-side MOSFET switching loss power.
tR = MOSFET rise time.
tF = MOSFET fall time.
The total power dissipation of the high-side MOSFET is the
sum of all the previous losses, or
T
G
C
D
P
P
P
P
+
+
(11)
where PD is the total high-side MOSFET power loss.
The conduction losses may need an adjustment to account
for the MOSFET RDSON variation with temperature. Note that
MOSFET RDSON increases with increasing temperature. A MOSFET
data sheet should list the thermal resistance of the package, θJA,
along with a normalized curve of the temperature coefficient of
the RDSON. For the power dissipation estimated above, calculate
the MOSFET junction temperature rise over the ambient
temperature of interest.
TJ = TA + θJAPD
(12)
Then calculate the new RDSON from the temperature coeffi-
cient curve and the RDSON spec at 25°C. A typical value of the
temperature coefficient (TC) of the RDSON is 0.004/°C, so an
alternate method to calculate the MOSFET RDSON at a second
temperature, TJ, is
RDSON @ TJ = RDSON @ 25°C(1 + TC(TJ − 25°C))
(13)
Then the conduction losses can be recalculated and the pro-
cedure iterated once or twice until the junction temperature
calculations are relatively consistent.
The synchronous rectifier, or low-side MOSFET, carries the
inductor current when the high-side MOSFET is off. The low-
side MOSFET transition loss is small and can be neglected in
the calculation. For high input voltage and low output voltage,
the low-side MOSFET carries the current most of the time.
Therefore, to achieve high efficiency, it is critical to optimize
the low-side MOSFET for low on resistance. In cases where the
power loss exceeds the MOSFET rating or lower resistance is
required than is available in a single MOSFET, connect multiple
low-side MOSFETs in parallel. The equation for low-side
MOSFET power loss is
()
IN
OUT
DSON
LOAD
LS
V
V
R
I
P
1
2
(14)
where:
PLS is the low-side MOSFET on resistance.
RDSON is the total on resistance of the low-side MOSFET(s).
Check the gate charge losses of the synchronous rectifier
using the PG equation (Equation 9) to be sure it is reasonable.
If multiple low-side MOSFETs are used in parallel, then use
the parallel combination of the on resistances for determining
RDSON to solve this equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com