Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5501-AP Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5501-AP
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-AP Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5501-AP Datasheet HTML 7Page - Cirrus Logic CS5501-AP Datasheet HTML 8Page - Cirrus Logic CS5501-AP Datasheet HTML 9Page - Cirrus Logic CS5501-AP Datasheet HTML 10Page - Cirrus Logic CS5501-AP Datasheet HTML 11Page - Cirrus Logic CS5501-AP Datasheet HTML 12Page - Cirrus Logic CS5501-AP Datasheet HTML 13Page - Cirrus Logic CS5501-AP Datasheet HTML 14Page - Cirrus Logic CS5501-AP Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
GENERAL DESCRIPTION
The CS5501/CS5503 are monolithic CMOS A/D
converters designed specifically for high resolu-
tion measurement of low-frequency signals. Each
device consists of a charge-balance converter (16-
Bit for the CS5501, 20-Bit for the CS5503),
calibration microcontroller with on-chip SRAM,
and serial communications port.
The CS5501/CS5503 A/D converters perform
conversions continuously and update their output
ports after every conversion (unless the serial port
is active). Conversions are performed and the se-
rial port is updated independent of external
control. Both devices are capable of measuring
either unipolar or bipolar input signals, and cali-
bration cycles may be initiated at any time to
ensure measurement accuracy.
The CS5501/CS5503 perform conversions at a
rate determined by the master clock signal. The
master clock can be set by an external clock or
with a crystal connected to the pins of the on-chip
gate oscillator. The master clock frequency deter-
mines:
1. The sample rate of the analog input signal.
2. The corner frequency of the on-chip digital
filter.
3. The output update rate of the serial output port.
The CS5501/CS5503 design includes several self-
calibration modes and several serial port interface
modes to offer users maximum system design
flexiblity.
The Delta-Sigma Conversion Method
The CS5501/CS5503 A/D converters use charge-
balance techniques to achieve low cost, high
resolution measurements. A charge-balance A/D
converter consists of two basic blocks: an analog
modulator and a digital filter. An elementary ex-
ample of a charge-balance A/D converter is a
conventional voltage-to-frequency converter and
counter. The VFC’s 1-bit output conveys infor-
mation in the form of frequency (or duty cycle),
which is then filtered (averaged) by the counter
for higher resolution.
The analog modulator of the CS5501/CS5503 is a
multi-order delta-sigma modulator. The modulator
consists of a 1-bit A/D converter (that is, a com-
parator) embedded in an analog feedback loop
with high open loop gain (see Figure 1). The
modulator samples and converts the input at a rate
well above the bandwidth of interest. The 1-bit
output of the comparator is sampled at intervals
based on the clock rate of the part and this infor-
mation (either a 1 or 0) is conveyed to the digital
filter. The digital filter is much more sophisticated
than a simple counter. The filter on the chip has a
6-pole low pass Gaussian response which rolls off
at 120 dB/decade (36 dB/octave). The corner fre-
quency of the digital filter scales with the master
clock frequency. In comparison, VFC’s and dual
slope converters offer (sin x)/x filtering for high
frequency rejection (see Figure 2 for a compari-
son of the characteristics of these two filter types).
When operating from a 1 MHz master clock the
digital filter in the CS5501/CS5503 offers better
than 120 dB rejection of 50 and 60 Hz line fre-
quencies and does not require any type of line
synchronization to achieve this rejection. It should
be noted that the CS5501/CS5503 will update its
output port almost at 1000 times per second when
operating from the 1 MHz clock. This is a much
higher update rate (typically by a factor of at least
50 times) than either VFCs or dual-slope convert-
ers can offer.
For a more detailed discussion on the delta-sigma
modulator see the Application note "Delta-Sigma
DAC
Comparator
LP Filter
1-bit
16-bits
Digital Filter
S/H Amp
Figure 1. Charge Balance (Delta-Sigma) A/D Converter
CS5501/CS5503
DS31F2
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com