Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1864 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1864
Description  Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1864 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1864 Datasheet HTML 5Page - Analog Devices ADP1864 Datasheet HTML 6Page - Analog Devices ADP1864 Datasheet HTML 7Page - Analog Devices ADP1864 Datasheet HTML 8Page - Analog Devices ADP1864 Datasheet HTML 9Page - Analog Devices ADP1864 Datasheet HTML 10Page - Analog Devices ADP1864 Datasheet HTML 11Page - Analog Devices ADP1864 Datasheet HTML 12Page - Analog Devices ADP1864 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADP1864
Rev. 0 | Page 9 of 16
SHORT-CIRCUIT PROTECTION
If there is a short across the output load, the voltage at the
feedback pin (FB) drops rapidly. When the FB voltage drops
below 0.35 V, the ADP1864 reduces the oscillator frequency
to 190 kHz. The increase in the oscillator period allows the
inductor additional time to discharge, preventing the output
current from running away. Once the output short is removed
and the feedback voltage increases above the 0.35 V threshold,
the oscillator frequency returns to 580 kHz.
UNDERVOLTAGE LOCKOUT (UVLO)
To prevent erratic operation when the input voltage drops
below the minimum acceptable voltage, the ADP1864 has an
undervoltage lockout (UVLO) feature. If the input voltage drops
below 2.90 V, PGATE is pulled high. The ADP1864 will
continue to draw its typical quiescent current. Current
consumption continues to drop toward the shutdown current as
input voltage is reduced. The ADP1864 is re-enabled and begins
switching once the IN voltage is increased above the UVLO
rising threshold (3.0 V).
OVERVOLTAGE LOCKOUT PROTECTION (OVP)
The ADP1864 provides an overvoltage protection feature to
protect the system against output short circuits to a higher
voltage supply. If the feedback voltage increases to 0.885 V,
PGATE is held high, turning the external FET off. The FET
continues to be held high until the voltage at FB decreases to
0.84 V, at which time the ADP1864 resumes normal operation.
SOFT START
The ADP1864 includes a soft start feature that limits the rate of
increase in inductor current once the part is enabled. Soft start
is activated when the input voltage is increased above the
UVLO threshold or COMP is released from GND. Soft start
limits the inrush current at the input and also limits the output
voltage overshoot. The soft start control slope is set internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com