Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2106 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2106
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2106 Datasheet(HTML) 4 Page - Analog Devices

  ADP2106 Datasheet HTML 1Page - Analog Devices ADP2106 Datasheet HTML 2Page - Analog Devices ADP2106 Datasheet HTML 3Page - Analog Devices ADP2106 Datasheet HTML 4Page - Analog Devices ADP2106 Datasheet HTML 5Page - Analog Devices ADP2106 Datasheet HTML 6Page - Analog Devices ADP2106 Datasheet HTML 7Page - Analog Devices ADP2106 Datasheet HTML 8Page - Analog Devices ADP2106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
THERMAL CHARACTERISTICS
Thermal Shutdown Threshold
140
°C
Thermal Shutdown Hysteresis
40
°C
COMPENSATOR TRANSCONDUCTANCE (Gm)
50
μA/V
ADP2105
1.875
A/V
ADP2106
2.8125
A/V
CURRENT SENSE AMPLIFIER GAIN (GCS)2
ADP2107
3.625
A/V
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). Typical values are at TA = 25°C.
2 Guaranteed by design.
3 The ADP2015/ADP2106/ADP2107 line regulation was measured in a servo loop on the ATE that adjusts the feedback voltage to achieve a specific comp voltage.
4 All LX (switch node) characteristics are guaranteed only when the LX1 and LX2 pins are tied together.
5 These specifications are guaranteed from −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com