Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3118 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3118
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3118 Datasheet(HTML) 2 Page - Analog Devices

  ADP3118 Datasheet HTML 1Page - Analog Devices ADP3118 Datasheet HTML 2Page - Analog Devices ADP3118 Datasheet HTML 3Page - Analog Devices ADP3118 Datasheet HTML 4Page - Analog Devices ADP3118 Datasheet HTML 5Page - Analog Devices ADP3118 Datasheet HTML 6Page - Analog Devices ADP3118 Datasheet HTML 7Page - Analog Devices ADP3118 Datasheet HTML 8Page - Analog Devices ADP3118 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP3118
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Timing Characteristics..................................................................... 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ........................................................................ 9
Low-Side Driver............................................................................ 9
High-Side Driver .......................................................................... 9
Overlap Protection Circuit.......................................................... 9
Application Information................................................................ 10
Supply Capacitor Selection ....................................................... 10
Bootstrap Circuit........................................................................ 10
MOSFET Selection..................................................................... 10
High-Side (Control) MOSFETs................................................ 10
Low-Side (Synchronous) MOSFETs ........................................ 11
PC Board Layout Considerations............................................. 11
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
4/05
—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com