Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC74AD Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC74AD
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC74AD Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC74AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Nexperia
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
UNIT
A1
A2
A3
bp
c
D (1)
E (2)
(1)
e
HE
L
Lp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
5.1
4.9
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.72
0.38
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT402-1
MO-153
99-12-27
03-02-18
w M
bp
D
Z
e
0.25
1
7
14
8
θ
A
A1
A2
Lp
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
A
max.
1.1
pin 1 index
Fig. 11. Package outline SOT402-1 (TSSOP14)
74LVC74A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 20 August 2021
12 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com