Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC74APW Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC74APW
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC74APW Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC74APW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Nexperia
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
mna423
trec
tPHL
tPHL
tW
tPLH
tPLH
VM
VM
VM
tW
VM
VM
VI
GND
VI
GND
nSD input
VI
GND
nRD input
nCP input
VOH
VOL
nQ output
VOH
VOL
nQ output
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 8. The set (nSD) and reset (nRD) input to output (nQ, nQ) propagation delays, the set and reset pulse widths,
and the nRD to nCP recovery time
Table 9. Measurement points
Supply voltage
Input
Output
VCC
VI
VM
VM
1.2 V
VCC
0.5 x VCC
0.5 x VCC
1.65 V to 1.95 V
VCC
0.5 x VCC
0.5 x VCC
2.3 V to 2.7 V
VCC
0.5 x VCC
0.5 x VCC
2.7 V
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
2.7 V
1.5 V
1.5 V
74LVC74A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 20 August 2021
9 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com