Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC86ABQ Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC86ABQ
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC86ABQ Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC86ABQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74LVC86A
Quad 2-input EXCLUSIVE-OR gate
4. Functional diagram
mna787
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
Fig. 1. Logic symbol
mna786
3
=1
=1
=1
=1
2
1
6
5
4
8
10
9
11
13
12
Fig. 2. IEC logic symbol
mna788
Y
A
B
Fig. 3. Logic diagram for one gate
5. Pinning information
5.1. Pinning
74LVC86A
aaa-033852
1
2
3
4
5
6
7
8
10
9
12
11
14
13
VCC
4B
4A
4Y
3B
3A
1A
1B
1Y
2A
2B
2Y
GND
3Y
Fig. 4. Pin configuration
SOT108-1 (SO14)
74LVC86A
aaa-033853
1
2
3
4
5
6
7
8
10
9
12
11
14
13
VCC
4B
4A
4Y
3B
3A
1A
1B
1Y
2A
2B
2Y
GND
3Y
Fig. 5. Pin configuration
SOT402-1 (TSSOP14)
aaa-033854
74LVC86A
Transparent top view
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
4B
4A
4Y
3B
1B
1Y
2A
2B
2Y
3A
GND(1)
(1) This is not a ground pin. There
is no electrical or mechanical
requirement to solder the pad. In
case soldered, the solder land
should remain floating or connected
to GND.
Fig. 6. Pin configuration
SOT762-1 (DHVQFN14)
74LVC86A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 19 August 2021
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com