Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT75 Datasheet(PDF) 8 Page - Analog Devices

Part # ADT75
Description  -1째C Accurate, 12-Bit Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT75 Datasheet HTML 4Page - Analog Devices ADT75 Datasheet HTML 5Page - Analog Devices ADT75 Datasheet HTML 6Page - Analog Devices ADT75 Datasheet HTML 7Page - Analog Devices ADT75 Datasheet HTML 8Page - Analog Devices ADT75 Datasheet HTML 9Page - Analog Devices ADT75 Datasheet HTML 10Page - Analog Devices ADT75 Datasheet HTML 11Page - Analog Devices ADT75 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADT75
Rev. 0 | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SDA
1
SCL
2
OS/ALERT
3
GND
4
VDD
8
A0
7
A1
6
A2
5
ADT75
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDA
SMBus/I2C Serial Data Input/Output. Serial data that is loaded into and read from the ADT75 registers is provided
on this pin. Open-drain configuration; needs a pull-up resistor.
2
SCL
Serial Clock Input. This is the clock input for the serial port. The serial clock is used to clock in and clock out data to
and from any register of the ADT75. Open-drain configuration; needs a pull-up resistor.
3
OS/ALERT
Over- and Undertemperature Indicator. Default power as an OS pin. Open-drain configuration; needs a pull-
up resistor.
4
GND
Analog and Digital Ground.
5
A2
SMBus/I2C Serial Bus Address Selection Pin. Logic input. Can be set to GND or VDD.
6
A1
SMBus/I2C Serial Bus Address Selection Pin. Logic input. Can be set to GND or VDD.
7
A0
SMBus/I2C Serial Bus Address Selection Pin. Logic input. Can be set to GND or VDD.
8
VDD
Positive Supply Voltage, 3 V to 5.5 V. The supply should be decoupled to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com