Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0630 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0630
Description  ANTARIS4 Single-chip GPS Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0630 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR0630 Datasheet HTML 2Page - ATMEL Corporation ATR0630 Datasheet HTML 3Page - ATMEL Corporation ATR0630 Datasheet HTML 4Page - ATMEL Corporation ATR0630 Datasheet HTML 5Page - ATMEL Corporation ATR0630 Datasheet HTML 6Page - ATMEL Corporation ATR0630 Datasheet HTML 7Page - ATMEL Corporation ATR0630 Datasheet HTML 8Page - ATMEL Corporation ATR0630 Datasheet HTML 9Page - ATMEL Corporation ATR0630 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
4920B–GPS–06/06
ATR0630 [Preliminary]
3.
Pin Configuration
3.1
Pinout
Figure 3-1.
Pinning BGA96 (Top View)
Table 3-1.
ATR0630 Pinout
Pin Name
BGA 96
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
IO
AGCO
A4
Analog I/O
CLK23
A8
Digital IN
DBG_EN
E8
Digital IN
PD
EGC
D4
Digital IN
GDIG
C5
Supply
GND
A6
Supply
GND
A9
Supply
GND
B11
Supply
GND
F5
Supply
GND
H8
Supply
GND
H12
Supply
GNDA
A3
Supply
GNDA
B1
Supply
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. VBAT18 represent the internal power supply of the backup power domain, see section “Power Supply” on page 20.
3. VDD_USB is the supply voltage for following the USB pins: USB_DM and USB_DP, see section “Power Supply” on page
20. For operation of the USB interface, supply of 3.0V to 3.6V is required.
4. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29, see section “Power Supply” on page 20.
A
B
C
D
E
F
G
H
123456789
10
11
12
ATR0630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com