Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0635 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0635 Datasheet HTML 1Page - ATMEL Corporation ATR0635 Datasheet HTML 2Page - ATMEL Corporation ATR0635 Datasheet HTML 3Page - ATMEL Corporation ATR0635 Datasheet HTML 4Page - ATMEL Corporation ATR0635 Datasheet HTML 5Page - ATMEL Corporation ATR0635 Datasheet HTML 6Page - ATMEL Corporation ATR0635 Datasheet HTML 7Page - ATMEL Corporation ATR0635 Datasheet HTML 8Page - ATMEL Corporation ATR0635 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Features
16-channel GPS Correlator
– 8192 Search Bins with GPS Acquisition Accelerator
– Accuracy: 2.5m CEP (2D, Stand Alone)
– Time to First Fix: 34s (Cold Start)
– Acquisition Sensitivity: –142 dBm (Cold Start, With External LNA)
– Tracking Sensitivity: –158 dBm (With External LNA)
Utilizes the ARM7TDMI® ARM® Thumb® Processor Core
– High-performance 32-bit RISC Architecture
– EmbeddedICE(In-Circuit Emulation)
128 Kbytes Internal RAM
384 Kbytes Internal ROM with u-blox GPS Firmware SuperSense®
1.5-bit ADC On-chip
Single IF Architecture
2 External Interrupts
24 User-programmable I/O Lines
1 USB Device Port
– Universal Serial Bus (USB) 2.0 Full-speed Device
– Embedded USB V2.0 Full-speed Transceiver
2 USARTs
Master/Slave SPI Interface
– 4 External Slave Chip Selects
Programmable Watchdog Timer
Advanced Power Management Controller (APMC)
– Geared Master Clock to Reduce Power Consumption
– Sleep State with Disabled Master Clock
– Hibernate State with 32.768 kHz Master Clock
Real Time Clock (RTC)
1.8V to 3.3V User-definable IO Voltage for Several GPIOs with 5V Tolerance
4 KBytes of Battery Backup Memory
7 mm
× 10 mm 96 Pin BGA Package, 0.8 mm Pitch, Pb-free, RoHS-compliant
Benefits
Fully Integrated Design With Low BOM
No External Flash Memory Required
Supports NMEA, UBX Binary and RTCM Protocol for DGPS
Supports SBAS (WAAS, EGNOS, MSAS)
Up to 4Hz Update Rate
Supports A-GPS (Aiding)
Excellent Noise Performance
ANTARIS4
Single-chip
GPS Receiver
SuperSense
ATR0635
4928C–GPS–06/06


Similar Part No. - ATR0635

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0635 ATMEL-ATR0635 Datasheet
640Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635-7KQY ATMEL-ATR0635-7KQY Datasheet
640Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635-DK1 ATMEL-ATR0635-DK1 Datasheet
640Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635-DK1 ATMEL-ATR0635-DK1 Datasheet
634Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635-EK1 ATMEL-ATR0635-EK1 Datasheet
640Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
More results

Similar Description - ATR0635

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
GPS Baseband Processor SuperSense
ATR0630 ATMEL-ATR0630 Datasheet
555Kb / 36P
ANTARIS4 Single-chip GPS Receiver
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
GPS Baseband Processor SuperSense
ATR0630P1 ATMEL-ATR0630P1 Datasheet
335Kb / 14P
ANTARIS4 Single-chip GPS Receiver
ATR0635 ATMEL-ATR0635_08 Datasheet
640Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
ATR0635P1 ATMEL-ATR0635P1 Datasheet
634Kb / 35P
ANTARIS4 Single-chip GPS Receiver SuperSense
logo
Princeton Technology Co...
PT9250 PTC-PT9250 Datasheet
316Kb / 7P
48-channel Single Chip GPS Receiver
PT9250 PTC-PT9250_10 Datasheet
233Kb / 4P
48-channel Single Chip GPS Receiver
logo
ATMEL Corporation
ATR0625P ATMEL-ATR0625P Datasheet
497Kb / 27P
GPS Baseband Processor SuperSense
logo
Princeton Technology Co...
PT9258 PTC-PT9258 Datasheet
309Kb / 7P
Single Chip GPS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com