Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2206 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 2 Page - Linear Technology

  LTC2206 Datasheet HTML 1Page - Linear Technology LTC2206 Datasheet HTML 2Page - Linear Technology LTC2206 Datasheet HTML 3Page - Linear Technology LTC2206 Datasheet HTML 4Page - Linear Technology LTC2206 Datasheet HTML 5Page - Linear Technology LTC2206 Datasheet HTML 6Page - Linear Technology LTC2206 Datasheet HTML 7Page - Linear Technology LTC2206 Datasheet HTML 8Page - Linear Technology LTC2206 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2207/LTC2206
2
22076fa
CONVERTER CHARACTERISTICS
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Integral Linearity Error
Differential Analog Input (Note 5) TA = 25°C
±1.2
±4
LSB
Integral Linearity Error
Differential Analog Input (Note 5)
●
1.5
±4.5
LSB
Differential Linearity Error
Differential Analog Input
●
±0.3
±1
LSB
Offset Error
(Note 6)
●
±1
±8.5
mV
Offset Drift
±10
µV/°C
Gain Error
External Reference
●
±0.2
±1.5
%FS
Full-Scale Drift
Internal Reference
±30
ppm/°C
External Reference
±15
ppm/°C
Transition Noise
2.8
LSBRMS
Supply Voltage (VDD)................................... –0.3V to 4V
Digital Output Ground Voltage (OGND)........ –0.3V to 1V
Analog Input Voltage (Note 3) ......–0.3V to (VDD + 0.3V)
Digital Input Voltage .....................–0.3V to (VDD + 0.3V)
Digital Output Voltage................ –0.3V to (OVDD + 0.3V)
Power Dissipation............................................ 2000mW
Operating Temperature Range
LTC2207C/LTC2206C............................... 0°C to 70°C
LTC2207I/LTC2206I ............................. –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Digital Output Supply Voltage (OVDD).......... –0.3V to 4V
OVDD = VDD (Notes 1, 2)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
TOP VIEW
UK PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC QFN
SENSE 1
VCM 2
VDD 3
VDD 4
GND 5
AIN+ 6
AIN– 7
GND 8
ENC+ 9
ENC– 10
GND 11
VDD 12
36 OVDD
35 D11
34 D10
33 D9
32 D8
31 OGND
30 CLKOUT+
29 CLKOUT–
28 D7
27 D6
26 D5
25 OVDD
49
EXPOSED PAD IS GND (PIN 49)
MUST BE SOLDERED TO PCB BOARD
TJMAX = 150°C, θJA = 29°C/W
ORDER PART NUMBER
UK PART MARKING*
LTC2207CUK
LTC2206CUK
LTC2207IUK
LTC2206IUK
LTC2207UK
LTC2206UK
LTC2207UK
LTC2206UK
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult factory for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com