Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6524 Datasheet(PDF) 58 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 54Page - STMicroelectronics VS6524 Datasheet HTML 55Page - STMicroelectronics VS6524 Datasheet HTML 56Page - STMicroelectronics VS6524 Datasheet HTML 57Page - STMicroelectronics VS6524 Datasheet HTML 58Page - STMicroelectronics VS6524 Datasheet HTML 59Page - STMicroelectronics VS6524 Datasheet HTML 60Page - STMicroelectronics VS6524 Datasheet HTML 61Page - STMicroelectronics VS6524 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
Electrical characteristics
VL6524/VS6524
58/70
13
Electrical characteristics
13.1
Absolute maximum ratings
Caution:
Stress above those listed under “Absolute Maximum Ratings” can cause permanent
damage to the device. This is a stress rating only and functional operations of the device at
these or other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
13.2
Operating conditions
Table 32.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTO
Storage temperature
-40
85
°C
VDD
Digital power supplies
-0.5
3.3
V
AVDD
Analog power supplies
-0.5
3.3
V
Table 33.
Supply specifications
Symbol
Parameter
Min.
Max.
Unit
TAF
Operating temperature, functional
(Camera is electrically functional)
-30
70
°C
TAN
Operating temperature, nominal
(Camera produces acceptable images)
-25
55
°C
TAO
Operating temperature, optimal
(Camera produces optimal optical performance)
530
°C
VDD
Digital power supplies operating range (@ module pin(1))
1.
Module can contain routing resistance up to 5
Ω.
1.7
2.0
V
2.4
3.0
V
AVDD
Analog power supplies operating range
(@ module pin(1))
2.4
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com