Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6524QOMH Datasheet(PDF) 13 Page - STMicroelectronics

Part # VL6524QOMH
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524QOMH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VL6524QOMH Datasheet HTML 9Page - STMicroelectronics VL6524QOMH Datasheet HTML 10Page - STMicroelectronics VL6524QOMH Datasheet HTML 11Page - STMicroelectronics VL6524QOMH Datasheet HTML 12Page - STMicroelectronics VL6524QOMH Datasheet HTML 13Page - STMicroelectronics VL6524QOMH Datasheet HTML 14Page - STMicroelectronics VL6524QOMH Datasheet HTML 15Page - STMicroelectronics VL6524QOMH Datasheet HTML 16Page - STMicroelectronics VL6524QOMH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
VL6524/VS6524
Operational modes
13/70
4
Operational modes
VL6524/VS6524 has a number of operational modes. The STANDBY mode is entered and
exited by driving the hardware CE signal. Transitions between all other modes are initiated
by I²C transactions from the host system or automatically after time-outs.
Figure 2.
State machine at power -up and user mode transitions
Power Down/Up: The power down state is entered from all other modes when CE is pulled
low or the supplies are removed.
During the power-down state (CE = logic 0)
●
The internal digital supply of the VL6524/VS6524 is shut down by an internal switch
mechanism. This method allows a very low power-down current value.
●
The device input / outputs are fail-safe, and consequently can be considered high
impedance.
Supplies OFF
Standby
Power-down
CE pin LOW
CE pin
PAUSE mode
Supplies
turned-off
Supplies turned ON & CE pin LOW
Supplies
turned OFF
1
STOP mode
Flashgun mode
Run mode
Note:
1
It is possible to enter any of the user modes direct from Standby via an I2C
command
HIGH
State Machine at power-up
I2C controlled user mode transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com