Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSH201 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSH201
Description  P-channel enhancement mode MOS transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH201 Datasheet(HTML) 4 Page - NXP Semiconductors

  BSH201 Datasheet HTML 1Page - NXP Semiconductors BSH201 Datasheet HTML 2Page - NXP Semiconductors BSH201 Datasheet HTML 3Page - NXP Semiconductors BSH201 Datasheet HTML 4Page - NXP Semiconductors BSH201 Datasheet HTML 5Page - NXP Semiconductors BSH201 Datasheet HTML 6Page - NXP Semiconductors BSH201 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH201
MOS transistor
Fig.7. Typical transfer characteristics.
I
D = f(VGS)
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID)
Fig.9. Normalised drain-source on-state resistance.
R
DS(ON)/RDS(ON)25 ˚C = f(Tj)
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
BSH201
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-5.5
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Gate-Source Voltage, VGS (V)
VDS > ID X RDS(on)
Tj = 25 C
150 C
Drain Current, ID (A)
Threshold Voltage, VGS(to), (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
Junction Temperature, Tj (C)
minimum
typical
BSH201
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
Drain Current, ID (A)
Transconductance, gfs (S)
Tj = 25 C
150 C
VDS > ID X RDS(on)
BSH201
1E-07
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
-2.5
-2
-1.5
-1
Gate-Source Voltage, VGS (V)
Drain Current, ID (A)
VDS = -5 V
Tj = 25 C
Normalised Drain-Source On Resistance
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
0
25
50
75
100
125
150
Junction Temperature, Tj (C)
VGS = -10 V
-4.5 V
RDS(ON) @ Tj
RDS(ON) @ 25C
BSH201
1
10
100
1000
-0.1
-1.0
-10.0
-100.0
Drain-Source Voltage, VDS (V)
Capacitances, Ciss, Coss, Crss (pF)
Ciss
Coss
Crss
August 1998
4
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com