Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B3000 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08B3000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08B3000 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC08B3000 Datasheet HTML 2Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 3Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 4Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 5Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 6Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 7Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 8Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 9Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
115
FF
Buffer Full Flag. This signal is asserted synchronous to the
internal sampling clock when the capture buffer is full. If the
WEN input remains asserted, the next CLK will cause an
overflow, whereby the pointer will wrap around and begin
overwriting the old data if the ASW bit is set to 0 in the
Capture Buffer Control register. This signal is deasserted
when a read cycle is initiated and the data buffer is no longer
’full’.
116
EF
Buffer Empty Flag. This signal is asserted synchronous to the
RCLK signal when the Capture Buffer is empty. It is
deasserted when a write cycle is initiated and the data buffer
is no longer ’empty’.
2, 5, 8,
13, 16,
17, 20,
25, 28,
33, 128
V
A
Analog power supply pins. Bypass these pins to ground.
40, 51
,62, 73,
88, 99,
110, 121
V
DR
Output Driver power supply pins. Bypass these pins to DR
GND.
1, 6, 9,
12, 21,
24, 27,
41
GND
Ground return for V
A.
42, 53,
64, 74,
87, 97,
108, 119
DR GND
Ground return for V
DR.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com