Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95241 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95241 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM95241 Datasheet HTML 1Page - National Semiconductor (TI) LM95241 Datasheet HTML 2Page - National Semiconductor (TI) LM95241 Datasheet HTML 3Page - National Semiconductor (TI) LM95241 Datasheet HTML 4Page - National Semiconductor (TI) LM95241 Datasheet HTML 5Page - National Semiconductor (TI) LM95241 Datasheet HTML 6Page - National Semiconductor (TI) LM95241 Datasheet HTML 7Page - National Semiconductor (TI) LM95241 Datasheet HTML 8Page - National Semiconductor (TI) LM95241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Logic Electrical Characteristics
Digital DC Characteristics
Unless otherwise noted, these specifications apply for V
DD=+3.0 to 3.6 Vdc. Boldface limits apply for TA =TJ =TMIN to
T
MAX; all other limits TA=TJ=+25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
SMBDAT, SMBCLK INPUTS
V
IN(1)
Logical “1” Input Voltage
2.1
V (min)
V
IN(0)
Logical “0”Input Voltage
0.8
V (max)
V
IN(HYST)
SMBDAT and SMBCLK Digital Input
Hysteresis
400
mV
I
IN(1)
Logical “1” Input Current
V
IN =VDD
0.005
±10
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0 V
−0.005
±10
µA (max)
C
IN
Input Capacitance
5
pF
SMBDAT OUTPUT
I
OH
High Level Output Current
V
OH =VDD
10
µA (max)
V
OL
SMBus Low Level Output Voltage
I
OL = 4mA
I
OL = 6mA
0.4
0.6
V (max)
SMBus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for V
DD=+3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines = 80
pF. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise noted. The switching
characteristics of the LM95241 fully meet or exceed the published specifications of the SMBus version 2.0. The following pa-
rameters are the timing relationships between SMBCLK and SMBDAT signals related to the LM95241. They adhere to but are
not necessarily the SMBus bus specifications.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
f
SMB
SMBus Clock Frequency
100
10
kHz (max)
kHz (min)
t
LOW
SMBus Clock Low Time
from V
IN(0)max to VIN(0)max
4.7
25
µs (min)
ms (max)
t
HIGH
SMBus Clock High Time
from V
IN(1)min to VIN(1)min
4.0
µs (min)
t
R,SMB
SMBus Rise Time
(Note 12)
1
µs (max)
t
F,SMB
SMBus Fall Time
(Note 13)
0.3
µs (max)
t
OF
Output Fall Time
C
L = 400pF,
I
O = 3mA, (Note 13)
250
ns (max)
t
TIMEOUT
SMBDAT and SMBCLK Time Low for Reset of
Serial Interface (Note 14)
25
35
ms (min)
ms (max)
t
SU;DAT
Data In Setup Time to SMBCLK High
250
ns (min)
t
HD;DAT
Data Out Stable after SMBCLK Low
300
1075
ns (min)
ns (max)
t
HD;STA
Start Condition SMBDAT Low to SMBCLK
Low (Start condition hold before the first clock
falling edge)
100
ns (min)
t
SU;STO
Stop Condition SMBCLK High to SMBDAT
Low (Stop Condition Setup)
100
ns (min)
t
SU;STA
SMBus Repeated Start-Condition Setup Time,
SMBCLK High to SMBDAT Low
0.6
µs (min)
t
BUF
SMBus Free Time Between Stop and Start
Conditions
1.3
µs (min)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com