Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6321 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6321
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6321 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6321 Datasheet HTML 1Page - National Semiconductor (TI) LMH6321 Datasheet HTML 2Page - National Semiconductor (TI) LMH6321 Datasheet HTML 3Page - National Semiconductor (TI) LMH6321 Datasheet HTML 4Page - National Semiconductor (TI) LMH6321 Datasheet HTML 5Page - National Semiconductor (TI) LMH6321 Datasheet HTML 6Page - National Semiconductor (TI) LMH6321 Datasheet HTML 7Page - National Semiconductor (TI) LMH6321 Datasheet HTML 8Page - National Semiconductor (TI) LMH6321 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMH6321
300 mA High Speed Buffer with Adjustable Current Limit
General Description
The LMH6321 is a high speed unity gain buffer that slews at
1800 V/µs and has a small signal bandwidth of 110 MHz
while driving a 50
Ω load. It can drive ±300 mA continuously
and will not oscillate while driving large capacitive loads.
The LMH6321 features an adjustable current limit. The cur-
rent limit is continuously adjustable from 10 mA to 300 ma
with a ±5mA ±5% accuracy. The current limit is set by
adjusting an external reference current with a resistor. The
current can be easily and instantly adjusted, as needed by
connecting the resistor to a DAC to form the reference
current. The sourcing and sinking currents share the same
current limit.
The LMH6321 is available in a space saving 8-pin PSOP or
a 7-pin TO-263 power package. The PSOP package fea-
tures an exposed pad on the bottom of the package to
increase its heat sinking capability. The LMH6321 can be
used within the feedback loop of an operational amplifier to
boost the current output or as a stand alone buffer.
Features
n
High slew rate
1800 V/µs
n
Wide bandwidth
110 MHz
n
Continuous output current
±300 mA
n
Output current limit tolerance
±5mA ±5%
n
Wide supply voltage range
5V to ±15V
n
Wide temperature range
−40˚C to +125˚C
n
Adjustable current limit
n
High capacitive load drive
n
Thermal shutdown error flag
Applications
n
Line driver
n
Pin driver
n
Sonar driver
n
Motor control
Connection Diagrams
8-Pin PSOP
7-Pin TO-263
20138625
20138626
Note: V− pin is connected to tab on back of each package
October 2006
© 2006 National Semiconductor Corporation
DS201386
www.national.com


Similar Part No. - LMH6321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6321 NSC-LMH6321 Datasheet
587Kb / 22P
300mA High Speed Buffer with Adjustable Current Limit
logo
Texas Instruments
LMH6321 TI1-LMH6321 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI1-LMH6321 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI-LMH6321 Datasheet
3Mb / 41P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
LMH6321 TI2-LMH6321 Datasheet
1Mb / 40P
BUF634 250mA High-Speed Buffer
REVISED MARCH 2024
More results

Similar Description - LMH6321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6321 NSC-LMH6321_07 Datasheet
587Kb / 22P
300mA High Speed Buffer with Adjustable Current Limit
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
Negative Regulator with Adjustable Current Limit
logo
Texas Instruments
LMH6321 TI1-LMH6321_14 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
logo
Torex Semiconductor
XC6604 TOREX-XC6604 Datasheet
899Kb / 30P
0.5V Low Input, 1A High Speed LDO Regulator with Adjustable Current Limit
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
logo
Texas Instruments
LMH6321 TI1-LMH6321_18 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com