Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV716 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV716
Description  5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV716 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV716 Datasheet HTML 7Page - National Semiconductor (TI) LMV716 Datasheet HTML 8Page - National Semiconductor (TI) LMV716 Datasheet HTML 9Page - National Semiconductor (TI) LMV716 Datasheet HTML 10Page - National Semiconductor (TI) LMV716 Datasheet HTML 11Page - National Semiconductor (TI) LMV716 Datasheet HTML 12Page - National Semiconductor (TI) LMV716 Datasheet HTML 13Page - National Semiconductor (TI) LMV716 Datasheet HTML 14Page - National Semiconductor (TI) LMV716 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
Now looking at the output of the instrumentation amplifier:
(5)
Substituting from Equation (4):
(6)
This shows the gain of the instrumentation amplifier to be:
−K(2a+1)
Typical values for this circuit can be obtained by setting: a =
12 andK=4. This results in an overall gain of −100.
Three LMV716 amplifiers are used along with 1% resistors
to minimize resistor mismatch. Resistors used to build the
circuit are: R
1 = 21.6 k
Ω,R
11 = 1.8 k
Ω,R
2 = 2.5 k
Ω with K =
40 and a = 12. This results in an overall gain of −K(2a+1) =
−1000.
Two-Op-Amp Instrumentation Amplifier
A two-op-amp instrumentation amplifier can also be used to
make a high-input impedance DC differential amplifier Figure
6). As in the three op amp circuit, this instrumentation am-
plifier requires precise resistor matching for good CMRR. R
4
should be equal to R
1, and R3 should equal R2.
ACTIVE FILTERS
Active filters are circuits with amplifiers, resistors, and ca-
pacitors. The use of amplifiers instead of inductors, which
are used in passive filters, enhances the circuit performance
while reducing the size and complexity of the filter. The
simplest active filters are designed using an inverting op
amp configuration where at least one reactive element has
been added to the configuration. This means that the op amp
will provide "frequency-dependent" amplification, since reac-
tive elements are frequency dependent devices.
Low Pass Filter
The following shows a very simple low pass filter.
The transfer function can be expressed as follows:
By KCL:
(7)
Simplifying this further results in:
(8)
or
(9)
Now, substituting
ω=2πf, so that the calculations are in f(Hz)
rather than in
ω(rad/s), and setting the DC gain
and
(10)
set:
(11)
Low pass filters are known as lossy integrators because they
only behave as integrators at higher frequencies. The gen-
eral form of the bode plot can be predicted just by looking at
the transfer function. When the f/f
O ratio is small, the capaci-
tor is, in effect, an open circuit and the amplifier behaves at
a set DC gain. Starting at f
O, which is the −3 dB corner, the
capacitor will have the dominant impedance and hence the
circuit will behave as an integrator and the signal will be
attenuated and eventually cut. The bode plot for this filter is
shown in Figure 8.
20179513
FIGURE 6. Two-Op-Amp Instrumentation Amplifier
20179553
FIGURE 7. Low Pass Filter
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com