Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV716MMX Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV716MMX
Description  5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV716MMX Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV716MMX Datasheet HTML 7Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 8Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 9Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 10Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 11Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 12Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 13Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 14Page - National Semiconductor (TI) LMV716MMX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Information (Continued)
Where
(16)
STATE VARIABLE ACTIVE FILTER
State variable active filters are circuits that can simulta-
neously represent high pass, band pass, and low pass fil-
ters. The state variable active filter uses three separate
amplifiers to achieve this task. A typical state variable active
filter is shown in Figure 13. The first amplifier in the circuit is
connected as a gain stage. The second and third amplifiers
are connected as integrators, which means they behave as
low pass filters. The feedback path from the output of the
third amplifier to the first amplifier enables this low frequency
signal to be fed back with a finite and fairly low closed loop
gain. This is while the high frequency signal on the input is
still gained up by the open loop gain of the first amplifier. This
makes the first amplifier a high pass filter. The high pass
signal is then fed into a low pass filter. The outcome is a
band pass signal, meaning the second amplifier is a band
pass filter. This signal is then fed into the third amplifiers
input and so, the third amplifier behaves as a simple low
pass filter.
The transfer function of each filter needs to be calculated.
The derivations will be more trivial if each stage of the filter is
shown on its own.
The three components are:
20179570
20179571
For A
1 the relationship between input and output is:
(17)
This relationship depends on the output of all the filters. The
input-output relationship for A
2 can be expressed as:
(18)
And finally this relationship for A
3 is as follows:
(19)
Re-arranging these equations, one can find the relationship
between V
O and VIN (transfer function of the low pass filter),
V
O1 and VIN (transfer function of the high pass filter), and
V
O2 and VIN (transfer function of the band pass filter) These
relationships are as follows:
20179568
FIGURE 12. Band Pass Filter Transfer Function
20179569
FIGURE 13. State Variable Active Filter
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com