Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1937 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1937
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 2 Page - Analog Devices

  AD1937 Datasheet HTML 1Page - Analog Devices AD1937 Datasheet HTML 2Page - Analog Devices AD1937 Datasheet HTML 3Page - Analog Devices AD1937 Datasheet HTML 4Page - Analog Devices AD1937 Datasheet HTML 5Page - Analog Devices AD1937 Datasheet HTML 6Page - Analog Devices AD1937 Datasheet HTML 7Page - Analog Devices AD1937 Datasheet HTML 8Page - Analog Devices AD1937 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
AD1935/AD1936/AD1937/AD1938/AD1939
Preliminary Technical Data
Rev. Pr
I | Page 2 of 30
AD193X—SPECIFICATIONS
Test Conditions, Unless Otherwise Noted.
Performance of all channels is identical (exclusive of the Inter-channel Gain Mismatch and Inter-channel Phase Deviation specifications).
Parameter
Rating
Supply Voltages (AVDD, DVDD)
3.3 V
Case Temperature
25°C
Master Clock
12.288 MHz (48 kHz fS, 256 × fS Mode)
Input Signal
1.000 kHz, 0 dBFS (Full Scale), -1 dBVrms (0.9Vrms)
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 Bits
Load Capacitance (Digital Output)
50 pF
Load Current (Digital Output)
±1 mA or 1.5k
Ω to ½ DVDD supply
Input Voltage HI
2.0 V
Input Voltage LO
0.8 V
Table 1
Analog Performance
Parameter
Min
Typ
Max
Unit
ADC Resolution (all ADCs)
24
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)1
No Filter (RMS)
102
dB
With A-Weighted Filter (RMS)
105
dB
With A-Weighted Filter (Avg)
107
dB
Total Harmonic Distortion + Noise (–1 dBFS)1
–92
dB
Full-Scale Input Voltage (Differential)
1.9
V rms
Gain Error
–5.0
+5.0
%
Interchannel Gain Mismatch
–0.1
+0.1
dB
Offset Error
–10
0
+10
mV
Gain Drift
100
ppm/°C
Interchannel Isolation
–110
dB
CMRR, 100 mV RMS, 1 kHz
70
dB
CMRR, 100 mV RMS, 20 kHz
70
dB
Input Resistance
14
k
Ω
Input Capacitance
10
pF
ANALOG-TO-DIGITAL CONVERTERS
Input Common-Mode Bias Voltage
1.5
V
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)1
No Filter (RMS), Single-ended version
101
dB
With A-Weighted Filter (RMS), Single-ended version
104
dB
With A-Weighted Filter (Avg), Single-ended version
106
dB
No Filter (RMS), Differential version
104
dB
With A-Weighted Filter (RMS), Differential version
107
dB
With A-Weighted Filter (Avg), Differential version
109
dB
Total Harmonic Distortion + Noise (0 dBFS)1
Single-ended version
–92
dB
Differential version
–94
dB
Full-Scale Output Voltage (Single-ended version)
0.9 (2.5)
V rms (V pp)
Full-Scale Output Voltage (Differential version)
1.8 (5.0)
V rms (V pp)
DIGITAL-TO-ANALOG CONVERTERS
Gain Error
-6%
TBD
+6%
%
1 Total harmonic distortion + noise and dynamic range typical specifications are for two channels active, max/min are all channels active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com